Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9868 Datasheet HTML 21Page - Analog Devices AD9868 Datasheet HTML 22Page - Analog Devices AD9868 Datasheet HTML 23Page - Analog Devices AD9868 Datasheet HTML 24Page - Analog Devices AD9868 Datasheet HTML 25Page - Analog Devices AD9868 Datasheet HTML 26Page - Analog Devices AD9868 Datasheet HTML 27Page - Analog Devices AD9868 Datasheet HTML 28Page - Analog Devices AD9868 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD9868
Rev. 0 | Page 25 of 36
LOW-PASS FILTER
The low-pass filter (LPF) provides a third-order response with a
cutoff frequency that is typically programmable over a 15 MHz
to 35 MHz span. The first real pole is implemented within the
first CPGA gain stage (see Figure 24), and the complex pole pair
is implemented in the second CPGA gain stage. Capacitor arrays
are used to vary the different RC time constants within these
two stages in a manner that changes the cutoff frequency while
preserving the normalized frequency response. Because absolute
resistor and capacitor values are process-dependent, a calibration
routine lasting less than 100 μs automatically occurs each time
the target cutoff frequency register (Register 0x08) is updated,
ensuring a repeatable cutoff frequency from device to device.
Although the default setting specifies that the LPF be active, it
can also be bypassed providing a nominal f−3 dB of 55 MHz.
Table 19 shows the SPI registers pertaining to the LPF.
Table 19. SPI Registers for Rx Low-Pass Filter
Address (Hex)
Bit
Description
0x07
0
Enable Rx LPF.
0x08
7:0
Target value.
The normalized wideband gain response is shown in Figure 26.
The normalized pass-band gain and group delay responses are
shown in Figure 27. The −3 dB cutoff frequency, f−3 dB, results in
−3 dB attenuation. In addition, the actual group delay time
(GDT) response can be calculated given a programmed cutoff
frequency using the following equation:
Actual GDT = Normalized GDT/(2.45 × f−3dB)
(4)
FREQUENCY
0
5
1.0
3.0
–35
–30
–25
–20
–15
–10
–5
0
2.5
2.0
1.5
0.5
Figure 26. LPF Normalized Wideband Gain Response
NORMALIZED FREQUENCY
00.5
1.0
0.9
0.3
0.4
0.8
0.2
0.1
1.30
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
0.25
–3.00
–2.75
–2.50
–2.25
–2.00
–1.75
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.6
0.7
NORMALIZED GROUP DELAY
NORMALIZED GAIN RESPONSE
Figure 27. LPF Normalized Pass-Band Gain and Group Delay Responses
The f−3 dB is programmable by writing an 8-bit word, referred to
as the target, to Register 0x08. The cutoff frequency is a function
of the ADC sample rate, fADC, and to a lesser extent, the RxPGA
gain setting (in dB). Figure 28 shows how f−3 dB varies as a
function of the RxPGA gain setting.
INPUT FREQUENCY (MHz)
010
50
30
25
5
3
–18
–12
–6
0
15
20
35
40
–15
–9
–3
45
–6dB GAIN
0dB GAIN
+6dB GAIN
+18dB GAIN
+30dB GAIN
+42dB GAIN
Figure 28. Effects of RxPGA Gain on LPF Frequency Response
(f−3 dB = 32 MHz @ 0 dB and fADC = 80 MSPS)
The following formula1 can be used to estimate f−3 dB for a
RxPGA gain setting of 0 dB:
f−3dB_0dB = (128/target) × (fADC/80) ×(fADC/30 + 23.83) f
(5)
Figure 29 compares the measured and calculated f−3 dB using this
formula.
1 Empirically derived for an f−3 dB range of 15 MHz to 35 MHz and an fADC of
40 MSPS to 80 MSPS with an RxPGA = 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com