Electronic Components Datasheet Search
  English  ▼

X  

B43501 Datasheet(PDF) 7 Page - EPCOS

Part # B43501
Description  Snap-In Capacitors Long Useful Life - 85
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501 Datasheet(HTML) 7 Page - EPCOS

Back Button B43501 Datasheet HTML 3Page - EPCOS B43501 Datasheet HTML 4Page - EPCOS B43501 Datasheet HTML 5Page - EPCOS B43501 Datasheet HTML 6Page - EPCOS B43501 Datasheet HTML 7Page - EPCOS B43501 Datasheet HTML 8Page - EPCOS B43501 Datasheet HTML 9Page - EPCOS B43501 Datasheet HTML 10Page - EPCOS B43501 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
241 10/02
Long Life – 85 °C
B43501
385
68
22
× 25
980
1960
1570
1,3
0,61
B43501A3686M000
100
22
× 30
670
1330
1070
1,7
0,79
B43501A3107M000
100
25
× 25
670
1330
1070
1,8
0,80
B43501B3107M000
150
22
× 40
450
890
720
2,4
1,1
B43501A3157M000
150
25
× 30
450
890
720
2,3
1,0
B43501B3157M000
220
25
× 40
310
610
490
3,1
1,4
B43501A3227M000
220
30
× 30
310
610
490
3,1
1,4
B43501B3227M000
330
30
× 40
210
410
330
4,1
1,9
B43501A3337M000
470
35
× 40
150
290
240
5,5
2,5
B43501A3477M000
560
35
× 45
120
240
200
6,2
2,8
B43501A3567M000
400
68
22
× 25
980
1960
1570
1,3
0,61
B43501A9686M000
100
22
× 30
670
1330
1070
1,7
0,79
B43501A9107M000
100
25
× 25
670
1330
1070
1,8
0,80
B43501B9107M000
120
22
× 35
560
1100
890
2,0
0,92
B43501A9127M000
150
22
× 40
450
890
720
2,4
1,1
B43501A9157M000
150
30
× 25
450
890
720
2,4
1,1
B43501B9157M000
180
30
× 30
370
740
600
2,7
1,2
B43501A9187M000
220
25
× 40
310
610
490
3,1
1,4
B43501A9227M000
220
30
× 35
310
610
490
3,2
1,5
B43501B9227M000
270
30
× 35
250
490
400
3,5
1,6
B43501A9277M000
330
30
× 45
210
410
330
4,3
2,0
B43501A9337M000
390
30
× 50
180
340
280
4,8
2,2
B43501A9397M000
470
35
× 45
150
290
240
5,7
2,6
B43501A9477M000
560
35
× 50
120
240
200
6,4
2,9
B43501A9567M000
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
I~max
100 Hz
40
°C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 238.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com