Electronic Components Datasheet Search
  English  ▼

X  

B43501 Datasheet(PDF) 9 Page - EPCOS

Part # B43501
Description  Snap-In Capacitors Long Useful Life - 85
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501 Datasheet(HTML) 9 Page - EPCOS

Back Button B43501 Datasheet HTML 3Page - EPCOS B43501 Datasheet HTML 4Page - EPCOS B43501 Datasheet HTML 5Page - EPCOS B43501 Datasheet HTML 6Page - EPCOS B43501 Datasheet HTML 7Page - EPCOS B43501 Datasheet HTML 8Page - EPCOS B43501 Datasheet HTML 9Page - EPCOS B43501 Datasheet HTML 10Page - EPCOS B43501 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
243 10/02
Long Life – 85 °C
B43501
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
Frequency factor of
permissible ripple current
I~
versus frequency
f
60
40
0
50
70
80
A
T
˚C
90
B43501
1,0
0,5
1,5
2,5
2,0
KAL0541-H
R
Ι~
Ι~
5
0,9
0,8
1,0
10 2
1,1
1,2
1,3
1,5
510 3 Hz
f
2
KAL0697-4
B43501
Ι
100 Hz
~
~
Ι
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com