Electronic Components Datasheet Search
  English  ▼

X  

B43501 Datasheet(PDF) 1 Page - EPCOS

Part # B43501
Description  Snap-In Capacitors Long Useful Life - 85
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501 Datasheet(HTML) 1 Page - EPCOS

  B43501 Datasheet HTML 1Page - EPCOS B43501 Datasheet HTML 2Page - EPCOS B43501 Datasheet HTML 3Page - EPCOS B43501 Datasheet HTML 4Page - EPCOS B43501 Datasheet HTML 5Page - EPCOS B43501 Datasheet HTML 6Page - EPCOS B43501 Datasheet HTML 7Page - EPCOS B43501 Datasheet HTML 8Page - EPCOS B43501 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
235 10/02
Long-life grade capacitors
Applications
I Switch-mode power supplies in industrial
and entertainment electronics
I Frequency converters
Features
I Long useful life
I High reliability and high ripple current capability
I Low equivalent series resistance ESR
I High CU product, i.e. compact
I Different case sizes available for each capacitance value
Construction
I Charge-discharge proof, polar
I Aluminum case, fully insulated
I Snap-in solder pins to hold component in place on PC-board
I Minus pole marking on case surface
I Minus pole not insulated from case
I Overload protection (safety vent)
Terminals
I Standard version with 2 terminals
2 lengths available: 6,3 and 4,5 mm
I 3 terminals: length 4,5 mm
(terminal arrangement ensures correct insertion)
Long Useful Life – 85 °C
B43501
Snap-In Capacitors
B43501


Similar Part No. - B43501

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
1,016Kb / 21P
Aluminum electrolytic capacitors
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
294Kb / 11P
Snap-In Capacitors
B43501A0107M002 EPCOS-B43501A0107M002 Datasheet
1,016Kb / 21P
Aluminum electrolytic capacitors
B43501A0107M007 EPCOS-B43501A0107M007 Datasheet
1,016Kb / 21P
Aluminum electrolytic capacitors
B43501A0127M000 EPCOS-B43501A0127M000 Datasheet
1,016Kb / 21P
Aluminum electrolytic capacitors
More results

Similar Description - B43501

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
Aluminum Capacitors Power Ultra Long Life Snap-In
18-Aug-08
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
Aluminum Capacitors Power Ultra Long Life Snap-In
14-Oct-08
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
Aluminum Capacitors Power Economy Long Life Snap-In
08-Aug-08
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
Aluminum Capacitors Power Long Life Snap-In
18-Aug-08
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
Aluminum Capacitors Power Ultra Long Life Snap-In
17-Aug-11
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
Aluminum Capacitors Power Ultra Long Life Snap-In
09-Mar-12
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
Aluminum Capacitors Power Long Life Snap-In
07-Apr-11
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
Aluminum Capacitors Power Ultra Long Life Snap-In
11-Oct-13
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
Aluminum Electrolytic Capacitors Power Long Life Snap-In
12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
Aluminum Electrolytic Capacitors Power Long Life Snap-In
12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com