Electronic Components Datasheet Search
  English  ▼

X  

B43501 Datasheet(PDF) 3 Page - EPCOS

Part # B43501
Description  Snap-In Capacitors Long Useful Life - 85
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501 Datasheet(HTML) 3 Page - EPCOS

  B43501 Datasheet HTML 1Page - EPCOS B43501 Datasheet HTML 2Page - EPCOS B43501 Datasheet HTML 3Page - EPCOS B43501 Datasheet HTML 4Page - EPCOS B43501 Datasheet HTML 5Page - EPCOS B43501 Datasheet HTML 6Page - EPCOS B43501 Datasheet HTML 7Page - EPCOS B43501 Datasheet HTML 8Page - EPCOS B43501 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
237 10/02
Long Life – 85 °C
B43501
Dimensional drawings
Snap-in terminals, standard (length 6,3
± 1mm).
Also available in a shorter version with a length
of 4,5 –1 mm. For packing mode and ordering
example see next page.
Snap-in capacitors are also available with
3 terminals (length 4,5 –1mm).
For packing mode and ordering example see
next page.
Dimensions (mm)
Approx.
weight (g)
Packing units
(pieces)
d + 1
l
± 2
22
22
22
22
25
30
35
40
9
12
15
18
160
160
160
160
25
25
25
25
25
30
35
40
13
17
19
22
130
130
130
130
Mounting
holes
Minus pole marking
KAL0140-J
Dimensions (mm)
Approx.
weight (g)
Packing units
(pieces)
d + 1
l
± 2
30
30
30
30
30
30
25
30
35
40
45
50
17
23
29
36
41
47
80
80
80
80
80
80
35
35
35
35
35
40
45
50
36
41
57
72
60
60
60
60
Mounting
holes
Minus pole marking
KAL0324-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com