Electronic Components Datasheet Search
  English  ▼

X  

WT6621 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # WT6621
Description  Dual USB Power Control Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT6621 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button WT6621 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 13Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
WT6621
Dual USB Power Control Switch
Version1.0
27 March, 2000
Weltrend Semiconductor, Inc. All Rights Reserved

Short-circuit response characteristics
Test equipment:
"
Test power supply
Agilent E3631A
"
Test scope:LeCory LC564A
"
Test DC electronic load
Zentech 2600A
Short-circuit response
(Short applied to output)
VOUT
VFLAG
IOUT
Thermal Shoutdown
1.6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com