Electronic Components Datasheet Search
  English  ▼

X  

WT6621 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WT6621
Description  Dual USB Power Control Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT6621 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WT6621 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
WT6621
Dual USB Power Control Switch
Version1.0
27 March, 2000
Weltrend Semiconductor, Inc. All Rights Reserved

Absolute Maximum Ratings
Supply voltage(Vin)
+6.0V
Output voltage(Vo)
+6.0V
Output current(Io)
internallly limited
Fault Flag voltage(VFG)
+6.0V
Fault Flag current(IFG)
50mA
Control Input(VEN)
-0.3V to 12V
Storage Temperature(TS)
-65
°C to +150°C
Lead Temperature(Soldering 5 sec.)
260
°C
Operating Ratings
Supply voltage(VIN)
+4V to +5.5V
Ambient Operating Temperature(TA)
-40
°C to +85°C
Supply Voltage (VIN)
+3V to 5.5V
Continuous output current, Io
0.6A Max.
ELECTRICAL CHARACTERISTICS
VIN=5.0V + 5% , Ta=25 OC)
Parameter
Condition
Min
Typ
Max
Units
Switch off, Open load
0.75
2
uA
Supply Current
Switch on, Open load
110
150
uA
Low to high transition
2.1
2.4
V
Enable Input Treshold
voltage
High to low transition
0.8
1.6
V
Enable Input current
VEN = 0 to 5.5V
1
uA
Switch Reistnce
VIN = 5V, Iout=500mA
100
140
mOhm
Output Turn on delay
RL=10 Ohm each Output
0.5
ms
Output Turn on Rise Time RL=10 Ohm each Output
1
ms
Output Turn off Delay
RL=10 Ohm each Output
1
20
us
Output Turn off Fall Time RL=10 Ohm each Output
1
20
us
Continous Load Current
Each output
500
mA
Short Circuit Current Limit Each output, Vout = 4.0V
0.5
0.75
1.25
A
Current limit threshold
Ramp Load applied to Vout<4.0V
0.75
1.25
A
Tj increasing
135
C
Overtemperature
Shutdown Threshold
Tj decreasing
115
C
VIN increasing
2.5
V
UVLO Threshold
VIN dcreasing
2.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com