Electronic Components Datasheet Search
  English  ▼

X  

WT6621 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WT6621
Description  Dual USB Power Control Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT6621 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WT6621 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
WT6621
Dual USB Power Control Switch
Version1.0
27 March, 2000
Weltrend Semiconductor, Inc. All Rights Reserved

FUNCTIONAL DESCRIPTION
The WT6621 is a dual
power switches with active low (or active high) enable inputs. Fault
conditions; such as Overcurrent, UVLO, and Thermal Shutdown; turns off or inhibit turn on the
output power switch, and activate the open drain transistor to sink current and asserts an error
flag.
Power Switch
The Power Switch is a CMOS power switch with a maximum on-state resistance of
140m
Ω(Vi(IN)=5V , IN (input) is the power supply connection to the drain of the switch and OUT
(output) is the source of the switch to be connected to the load.
Charge Pump
The charge pump supplies power to the gate control circuit and provides the necessary voltage
to the gate of the CMOS power switch.
Thermal Shutdown
Thermal Shutdown circuit shuts off the output of the power switch and the fault flag(/FG) is
asserted when the die temperature rise to approximately 135
°C. Approximate 30°C of
Hysteresis prevents the switch from turning on until the die temperature drops to approximately
115
°C.
Current Limit Induced Thermal Shutdown
Internal circuitry increases the output of the CMOS Power Switch on-resis-tance until the series
combination of the CMOS Power Switch on-resis-tance and the load impedance limit current to
typically 750mA. The increase in power dissipation, in most cases, will cause the WT6621 to
go into thermal shutdown, disabling affected channels. When this is undesirable, thermal
shutdown can be avoided by externally responding to the fault and disabling the current limited
channel before the shutdown temperature is reached. The delay between the flag indication of
a current limit fault and thermal shutdown will vary with ambient tem-perature, board layout,
and load impedance, but is typically several hundred milliseconds. The USB controller must
there-fore recognize a fault and disable the appropriate channel within this time.
Undervoltage Lockout
UVLO(Undervoltage lockout) circuit prevents the output of power switch from turning on until
input voltage (IN) exceeds 2.5V typical. After the switch turns on, UVLO shuts off the output of
power switch and the fault flag(/FG) is asserted if the input voltage drops below 2.3V.
Current Sensing and Limiting
As an overload or short circuit is encountered, the current sense circuit sends a signal to the
gate control. Then gate control circuit in turn reduces the gate voltage and drives the power
switch into a constant current mode.
Switch Enabled into Short Circuit: If a switch is powered on or enabled into a heavy load or
short-circuit, the switch immediately goes into a constant-current mode, reducing the output
voltage. The fault flag goes low until the load is reduced.
Short Circuit Applied to Output: When a heavy load is applied, a large transient current may
flow until the current limit circuitry will respond. Once this occurs, the device limits current to
less than the short-circuit current limit specification.
Current-Limit Response: TheWT6621 current-limit profile exhibits a small foldback effect of
approximately 500mA. Once this current-limit thresh-old is exceeded the device enters
constant-current mode. This constant current is specified as the short circuit current limit in the
Electrical Characteristics table. It is important to note that the WT6621will deliver load current
up to the current-limit threshold which is typically 0.75A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com