Electronic Components Datasheet Search
  English  ▼

X  

WT6621 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WT6621
Description  Dual USB Power Control Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT6621 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WT6621 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
WT6621
Dual USB Power Control Switch
Version1.0
27 March, 2000
Weltrend Semiconductor, Inc. All Rights Reserved

GENERAL DESCRIPTION
The WT6621 is a dual integrated power switch optimized for self-powered and bus-powered
Universal Serial Bus (USB) applications. Few external components are necessary to satisfy
USB requirements. With independent enable and error flag functions, the WT6621 can ease
control the supplied power conditions of USB down stream; each switch channel can supplies
up to 500mA to downstream devices; the switch low on-resistance meets USB voltage drop
requirements; fault current is limited to typically 750mA, and a flag output is available to
indicate fault conditions to the local USB controller. Additional features include thermal
shutdown to prevent switch failure from high-current loads, undervoltage lockout (UVLO) to
ensure there is a valid input voltage present, and 3.3V and 5V logic compatible enable inputs.
FEATURES
!
Compliant to USB specifications
!
Max. Continuous load current: 500mA
!
140m
Ω maximum on-resistance per channel.
!
110uA typical on-state supply current
!
1uA typical off-state supply current
!
Enable input is compatible with both 3V and 5V Logic
!
Logic Over current output
!
Undervoltage lockout
!
Short Circuit Protection
!
Thermal Shutdown
!
Active-high or active-low enable versions
!
12KV output, 6KV input ESD protection.
!
Packages: 8pin SOIC and 8pin DIP
Applications
!
USB host and Self-power hubs
!
USB bus-powered hub
!
General purpose power switch applications


Similar Part No. - WT6621

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
Digital Monitor Controller
WT6116 ETC-WT6116 Datasheet
377Kb / 39P
microcontroller for digital controlled monitor
More results

Similar Description - WT6621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2026 ETC-CM2026 Datasheet
255Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A Datasheet
137Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Linear Dimensions Semic...
LND3526 LINEAR_DIMENSIONS-LND3526 Datasheet
183Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Linear Dimensions Semic...
LND3526H LINEAR_DIMENSIONS-LND3526H Datasheet
137Kb / 1P
DUAL USB POWER CONTROL SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_15 Datasheet
246Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_15 Datasheet
242Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075C UTC-US2075C_16 Datasheet
259Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com