Electronic Components Datasheet Search
  English  ▼

X  

PHN103 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHN103
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN103 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHN103 Datasheet HTML 4Page - NXP Semiconductors PHN103 Datasheet HTML 5Page - NXP Semiconductors PHN103 Datasheet HTML 6Page - NXP Semiconductors PHN103 Datasheet HTML 7Page - NXP Semiconductors PHN103 Datasheet HTML 8Page - NXP Semiconductors PHN103 Datasheet HTML 9Page - NXP Semiconductors PHN103 Datasheet HTML 10Page - NXP Semiconductors PHN103 Datasheet HTML 11Page - NXP Semiconductors PHN103 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Jun 20
8
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
PHN103
Fig.10 Source current as a function of source-drain
diode forward voltage; typical values.
VGD =0.
(1) Tj = 150 °C.
(2) Tj =25 °C.
(3) Tj = −65 °C.
handbook, halfpage
0
0.4
0.8
1.2
20
0
16
12
8
4
MGG336
ISD
(A)
VSD (V)
(1)
(2)
(3)
Fig.11 Drain-source on-state resistance as a
function of gate-source voltage;
typical values.
handbook, halfpage
−10
0
−2
−4
−6
−8
103
102
10
MGG337
RDSon
(m
Ω)
VGS (V)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
VDS ≥ ID × RDSon; Tj =25 °C.
(1) ID = 0.1 A.
(2) ID = 0.5 A.
(3) ID = 1.0 A.
(4) ID = 2.75 A.
(5) ID = 5.5 A.
(6) ID = 8.5 A.
(7) ID =10A.
(8) ID =12A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com