Electronic Components Datasheet Search
  English  ▼

X  

PHN103 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHN103
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN103 Datasheet(HTML) 3 Page - NXP Semiconductors

  PHN103 Datasheet HTML 1Page - NXP Semiconductors PHN103 Datasheet HTML 2Page - NXP Semiconductors PHN103 Datasheet HTML 3Page - NXP Semiconductors PHN103 Datasheet HTML 4Page - NXP Semiconductors PHN103 Datasheet HTML 5Page - NXP Semiconductors PHN103 Datasheet HTML 6Page - NXP Semiconductors PHN103 Datasheet HTML 7Page - NXP Semiconductors PHN103 Datasheet HTML 8Page - NXP Semiconductors PHN103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Jun 20
3
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
PHN103
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Ts is the temperature at the soldering point of the drain lead.
2. Pulse width and duty cycle limited by maximum junction temperature.
3. Device mounted on printed-circuit board with an Rth a-tp (ambient to tie-point) of 27.5 K/W.
4. Device mounted on printed-circuit board with an Rth a-tp (ambient to tie-point) of 90 K/W.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
30
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Ts =80 °C; note 1
−
8.5
A
IDM
peak drain current
note 2
−
35
A
Ptot
total power dissipation
Ts =80 °C
−
4W
Tamb =25 °C; note 3
−
2.7
W
Tamb =25 °C; note 4
−
1.15
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−65
+150
°C
Source-drain diode
IS
source current (DC)
Ts =80 °C
−
5A
ISM
peak pulsed source current
note 2
−
20
A
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
17.5
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com