Electronic Components Datasheet Search
  English  ▼

X  

PHN103 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHN103
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN103 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHN103 Datasheet HTML 4Page - NXP Semiconductors PHN103 Datasheet HTML 5Page - NXP Semiconductors PHN103 Datasheet HTML 6Page - NXP Semiconductors PHN103 Datasheet HTML 7Page - NXP Semiconductors PHN103 Datasheet HTML 8Page - NXP Semiconductors PHN103 Datasheet HTML 9Page - NXP Semiconductors PHN103 Datasheet HTML 10Page - NXP Semiconductors PHN103 Datasheet HTML 11Page - NXP Semiconductors PHN103 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Jun 20
9
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
PHN103
Fig.12 Temperature coefficient of gate-source
threshold voltage; typical values.
VGSth at VDS =VGS; ID = 1 mA.
k
V
GSth at Tj
V
GSth at 25 ° C
--------------------------------------
=
handbook, halfpage
−100
1.1
0.9
0.6
0.7
1.2
1
0.8
−50
150
0
50
100
MGG338
Tj (°C)
k
Fig.13 Temperature coefficient of drain-source
on-state resistance; typical values.
(1) RDSon at VGS = 10 V; ID = 5.5 A.
(2) RDSon at VGS = 4.5 V; ID = 2.75 A.
k
R
DSon at Tj
R
DSon at 25 ° C
-----------------------------------------
=
handbook, halfpage
−100
1.6
1.2
0.8
0.4
1.4
1
0.6
−50
150
0
(1)
(2)
50
100
MGG339
Tj (°C)
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com