Electronic Components Datasheet Search
  English  ▼

X  

56F801 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 56F801
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F801 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 56F801 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
External Clock Operation
56F801 Technical Data, Rev. 16
Freescale Semiconductor
23
Figure 3-6 Flash Mass Erase Cycle
3.5 External Clock Operation
The 56F801 device clock is derived from either 1) an internal crystal oscillator circuit working in
conjunction with an external crystal, 2) an external frequency source, or 3) an on-chip relaxation oscillator.
To generate a reference frequency using the internal crystal oscillator circuit, a reference crystal external
to the chip must be connected between the EXTAL and XTAL pins. Paragraphs 3.5.1 and 3.5.4 describe
these methods of clocking. Whichever type of clock derivation is used provides a reference signal to a
phase-locked loop (PLL) within the 56F801. In turn, the PLL generates a master reference frequency that
determines the speed at which chip operations occur.
Application code can be set to change the frequency source between the relaxation oscillator and crystal
oscillator or external source, and power down the relaxation oscillator if desired. Selection of which clock
is used is determined by setting the PRECS bit in the PLLCR (phase-locked loop control register) word
(bit 2). If the bit is set to 1, the external crystal oscillator circuit is selected. If the bit is set to 0, the internal
relaxation oscillator is selected, and this is the default value of the bit when power is first applied.
3.5.1
Crystal Oscillator
The internal oscillator is also designed to interface with a parallel-resonant crystal resonator in the
frequency range specified for the external crystal in Table 3-10. Figure 3-7 shows a recommended crystal
oscillator circuit. Follow the crystal supplier’s recommendations when selecting a crystal, since crystal
parameters determine the component values required to provide maximum stability and reliable start-up.
The crystal and associated components should be mounted as close as possible to the EXTAL and XTAL
pins to minimize output distortion and start-up stabilization time. The internal 56F80x oscillator circuitry
XADR
YE=SE=OE=0
ERASE
NVSTR
Tnvs
Tnvh1
Trcv
Tme
MAS1
IFREN
XE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com