Electronic Components Datasheet Search
  English  ▼

X  

56F801 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 56F801
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F801 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 56F801 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DC Electrical Characteristics
56F801 Technical Data, Rev. 16
Freescale Semiconductor
17
3.2 DC Electrical Characteristics
Table 3-4 DC Electrical Characteristics
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF
Characteristic
Symbol
Min
Typ
Max
Unit
Input high voltage (XTAL/EXTAL)
VIHC
2.25
—
2.75
V
Input low voltage (XTAL/EXTAL)
VILC
0—
0.5
V
Input high voltage [GPIOB(2:3)]1
VIH[GPIOB(2:3)]
2.0
—
3.6
V
Input low voltage [GPIOB(2:3)]1
VIL[GPIOB(2:3)]
-0.3
—
0.8
V
Input high voltage (Schmitt trigger inputs)2
VIHS
2.2
—
5.5
V
Input low voltage (Schmitt trigger inputs)2
VILS
-0.3
—
0.8
V
Input high voltage (all other digital inputs)
VIH
2.0
—
5.5
V
Input low voltage (all other digital inputs)
VIL
-0.3
—
0.8
V
Input current high (pullup/pulldown resistors disabled, VIN=VDD)IIH
-1
—
1
μA
Input current low (pullup/pulldown resistors disabled, VIN=VSS)IIL
-1
—
1
μA
Input current high (with pullup resistor, VIN=VDD)IIHPU
-1
—
1
μA
Input current low (with pullup resistor, VIN=VSS)IILPU
-210
—
-50
μA
Input current high (with pulldown resistor, VIN=VDD)IIHPD
20
—
180
μA
Input current low (with pulldown resistor, VIN=VSS)IILPD
-1
—
1
μA
Nominal pullup or pulldown resistor value
RPU, RPD
30
K
Ω
Output tri-state current low
IOZL
-10
—
10
μA
Output tri-state current high
IOZH
-10
—
10
μA
Input current high (analog inputs, VIN=VDDA)
3
IIHA
-15
—
15
μA
Input current low (analog inputs, VIN=VSSA)
3
IILA
-15
—
15
μA
Output High Voltage (at IOH)VOH
VDD – 0.7
—
—
V
Output Low Voltage (at IOL)VOL
——
0.4
V
Output source current
IOH
4—
—
mA
Output sink current
IOL
4—
—
mA
PWM pin output source current4
IOHP
10
—
—
mA
PWM pin output sink current5
IOLP
16
—
—
mA
Input capacitance
CIN
—8
—
pF
Output capacitance
COUT
—12
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com