Electronic Components Datasheet Search
  English  ▼

X  

56F801 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 56F801
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F801 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 56F801 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Analog-to-Digital Converter (ADC) Characteristics
56F801 Technical Data, Rev. 16
Freescale Semiconductor
37
1.
Parasitic capacitance due to package, pin to pin, and pin to package base coupling. (1.8pf)
2.
Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing. (2.04pf)
3.
Equivalent resistance for the ESD isolation resistor and the channel select mux. (500 ohms)
4.
Sampling capacitor at the sample and hold circuit. Capacitor 4 is normally disconnected from the input and is only connected to it at
sampling time. (1pf)
Figure 3-26 Equivalent Analog Input Circuit
Total Harmonic Distortion5
THD
55
60
—
dB
Signal-to-Noise plus Distortion5
SINAD
54
56
—
dB
Effective Number of Bits5
ENOB
8.5
9.5
—
bit
Spurious Free Dynamic Range5
SFDR
60
65
—
dB
Bandwidth
BW
—
100
—
KHz
ADC Quiescent Current (both ADCs)
IADC
—50
—
mA
VREF Quiescent Current (both ADCs)
IVREF
—12
16.5
mA
1.
For optimum ADC performance, keep the minimum VADCIN value > 250mV. Inputs less than 250mV volts may convert to
a digital output code of 0 or cause erroneous conversions.
2.
VREF must be equal to or less than VDDA - 0.3V and must be greater than 2.7V.
3.
Measured in 10-90% range.
4.
LSB = Least Significant Bit.
5.
Guaranteed by characterization.
6.
tAIC = 1/fADIC
Table 3-15 ADC Characteristics (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
1
2
3
4
ADC analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com