Electronic Components Datasheet Search
  English  ▼

X  

56F801 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 56F801
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F801 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 56F801 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
56F801 Technical Data, Rev. 16
14
Freescale Semiconductor
2.10 JTAG/OnCE
Part 3 Specifications
3.1 General Characteristics
The 56F801 is fabricated in high-density CMOS with 5-volt tolerant TTL-compatible digital inputs. The
term “5-volt tolerant” refers to the capability of an I/O pin, built on a 3.3V compatible process technology,
to withstand a voltage up to 5.5V without damaging the device. Many systems have a mixture of devices
designed for 3.3V and 5V power supplies. In such systems, a bus may carry both 3.3V and 5V- compatible
I/O voltage levels (a standard 3.3V I/O is designed to receive a maximum voltage of 3.3V
± 10% during
normal operation without causing damage). This 5V-tolerant capability therefore offers the power savings
of 3.3V I/O levels while being able to receive 5V levels without being damaged.
Absolute maximum ratings given in Table 3-1 are stress ratings only, and functional operation at the
maximum is not guaranteed. Stress beyond these ratings may affect device reliability or cause permanent
damage to the device.
Table 2-12 JTAG/On-Chip Emulation (OnCE) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
TCK
Input
(Schmitt)
Input, pulled
low internally
Test Clock Input—This input pin provides a gated clock to synchronize the
test logic and shift serial data to the JTAG/OnCE port. The pin is connected
internally to a pull-down resistor.
1
TMS
Input
(Schmitt)
Input, pulled
high internally
Test Mode Select Input—This input pin is used to sequence the JTAG
TAP controller’s state machine. It is sampled on the rising edge of TCK and
has an on-chip pull-up resistor.
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
1
TDI
Input
(Schmitt)
Input, pulled
high internally
Test Data Input—This input pin provides a serial input data stream to the
JTAG/OnCE port. It is sampled on the rising edge of TCK and has an
on-chip pull-up resistor.
1
TDO
Output
Tri-stated
Test Data Output—This tri-statable output pin provides a serial output data
stream from the JTAG/OnCE port. It is driven in the Shift-IR and Shift-DR
controller states, and changes on the falling edge of TCK.
1
TRST
Input
(Schmitt)
Input, pulled
high internally
Test Reset—As an input, a low signal on this pin provides a reset signal to
the JTAG TAP controller. To ensure complete hardware reset, TRST should
be asserted whenever RESET is asserted. The only exception occurs in a
debugging environment when a hardware device reset is required and it is
necessary not to reset the OnCE/JTAG module. In this case, assert RESET,
but do not assert TRST.
Note:
For normal operation, connect TRST directly to VSS. If the design is to be
used in a debugging environment, TRST may be tied to VSS through a 1K resistor.
1
DE
Output
Output
Debug Event—DE provides a low pulse on recognized debug events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com