Electronic Components Datasheet Search
  English  ▼

X  

56855 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 56855
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56855 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 56855 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AC Electrical Characteristics
56855 Technical Data, Rev. 6
Freescale Semiconductor
23
Figure 4-3 Example Circuit to Control Supply Sequencing
4.4 AC Electrical Characteristics
Timing waveforms in Section 4.2 are tested with a VIL maximum of 0.8 V and a VIH minimum of 2.0 V
for all pins except XTAL, which is tested using the input levels in Section 4.2. In Figure 4-4 the levels of
VIH and VIL for an input signal are shown.
Figure 4-4 Input Signal Measurement References
Figure 4-5 shows the definitions of the following signal states:
•
Active state, when a bus or signal is driven, and enters a low impedance state.
•
Tri-stated, when a bus or signal is placed in a high impedance state.
•
Data Valid state, when a signal level has reached VOL or VOH.
•
Data Invalid state, when a signal level is in transition between VOL and VOH.
Figure 4-5 Signal State
3.3V
Regulator
1.8V
Regulator
Supply
VDD
VDDIO, VDDA
VIH
VIL
Fall Time
Input Signal
Note: The midpoint is VIL + (VIH – VIL)/2.
Midpoint1
Low
High
90%
50%
10%
Rise Time
Data Invalid State
Data1
Data2 Valid
Data
Tri-stated
Data3 Valid
Data2
Data3
Data1 Valid
Data Active
Data Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com