Electronic Components Datasheet Search
  English  ▼

X  

56855 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56855
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56855 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56855 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
56855 Technical Data, Rev. 6
6
Freescale Semiconductor
1.3 State of the Art Development Environment
•
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
•
The Code Warrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards
will support concurrent engineering. Together, PE, Code Warrior and EVMs create a complete, scalable
tools solution for easy, fast, and efficient development.
1.4 Product Documentation
The four documents listed in Table 1-1 are required for a complete description of and proper design with
the 56855. Documentation is available from local Freescale distributors, Freescale Semiconductor sales
offices, Freescale Literature Distribution Centers, or online at www.freescale.com.
Table 1-1 56855 Chip Documentation
Topic
Description
Order Number
56800E
Reference Manual
Detailed description of the 56800E architecture, and
16-bit core processor and the instruction set
56800ERM
DSP56855
User’s Manual
Detailed description of memory, peripherals, and
interfaces of the 56855
DSP5685xUM
56855
Technical Data Sheet
Electrical and timing specifications, pin descriptions,
and package descriptions (this document)
56855
DSP56855
Errata
Details any chip issues that might be present
DSP56855E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com