Electronic Components Datasheet Search
  English  ▼

X  

56855 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 56855
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56855 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 56855 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 52Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Electrical Design Considerations
56855 Technical Data, Rev. 6
Freescale Semiconductor
49
•
Consider all device loads as well as parasitic capacitance due to PCB traces when calculating capacitance.
This is especially critical in systems with higher capacitive loads that could create higher transient currents
in the VDD and GND circuits.
•
All inputs must be terminated (i.e., not allowed to float) using CMOS levels.
•
Take special care to minimize noise levels on the VDDA and VSSA pins.
•
When using Wired-OR mode on the SPI or the IRQx pins, the user must provide an external pull-up device.
•
Designs that utilize the TRST pin for JTAG port or Enhance OnCE module functionality (such as
development or debugging systems) should allow a means to assert TRST whenever RESET is asserted, as
well as a means to assert TRST independently of RESET. Designs that do not require debugging
functionality, such as consumer products, should tie these pins together.
•
The internal POR (Power on Reset) will reset the part at power on with reset asserted or pulled high but
requires that TRST be asserted at power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com