Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
56857 Technical Data, Rev. 6
44
Freescale Semiconductor
4.13 GPIO Timing
Figure 4-34 GPIO Timing
Table 4-15 GPIO Timing1, 2
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
1. In the formulas listed, T = clock cycle. For fop = 120MHz operation and fipb = 60MHz, T = 8.33ns
2. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
GPIO input period
PIN
2T + 3
—
ns
GPIO input high/low period
PINHL
1T + 3
—
ns
GPIO output period
POUT
2T - 3
—
ns
GPIO output high/low period
POUTHL
1T - 3
—
ns
GPIO Inputs
GPIO Outputs
PINHL
PINHL
PIN
POUTHL
POUTHL
POUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com