| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc |
|
16 / 53 page ![]() 56857 Technical Data, Rev. 6 16 Freescale Semiconductor 52 TXD0 GPIOE1 Output(Z) Input/Output Serial Transmit Data 0 (TXD0)—This signal transmits data from the SCI 0 transmit data register. Port E GPIO (1)—This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. 74 RXD1 GPIOE2 Input Input/Output Serial Receive Data 1 (RXD1)—This input receives byte-oriented serial data and transfers it to the SCI 1 receive shift register. Port E GPIO (2)—This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. 75 TXD1 GPIOE3 Output(Z) Input/Output Serial Transmit Data 1 (TXD1)—This signal transmits data from the SCI 1 transmit data register. Port E GPIO (3)—This pin is a General Purpose I/O (GPIO) pin that can individually be programmed as input or output pin. 92 STD0 GPIOC0 Output Input/Output ESSI Transmit Data (STD0)—This output pin transmits serial data from the ESSI Transmitter Shift Register. Port C GPIO (0)—This pin is a General Purpose I/O (GPIO) pin when the ESSI is not in use. 93 SRD0 GPIOC1 Input Input/Output ESSI Receive Data (SRD0)—This input pin receives serial data and transfers the data to the ESSI Receive Shift Register. Port C GPIO (1)—This pin is a General Purpose I/O (GPIO) pin when the ESSI is not in use. 94 SCK0 GPIOC2 Input/Output Input/Output ESSI Serial Clock (SCK0)—This bidirectional pin provides the serial bit rate clock for the transmit section of the ESSI. The clock signal can be continuous or gated and can be used by both the transmitter and receiver in synchronous mode. Port C GPIO (2)—This pin is a General Purpose I/O (GPIO) pin when the ESSI is not in use. 95 SC00 GPIOC3 Input/Output Input/Output ESSI Serial Control Pin 0 (SC00)—The function of this pin is determined by the selection of either synchronous or asynchronous mode. For asynchronous mode, this pin will be used for the receive clock I/O. For synchronous mode, this pin is used either for transmitter1 output or for serial I/O flag 0. Port C GPIO (3)—This pin is a General Purpose I/O (GPIO) pin when the ESSI is not in use. Table 3-1 56857 Signal and Package Information for the 100-pin LQFP (Continued) Pin No. Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |