| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 53 page ![]() 56857 Technical Data, Rev. 6 6 Freescale Semiconductor 1.3 State of the Art Development Environment • Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use component-based software application creation with an expert knowledge system. • The Code Warrior Integrated Development Environment is a sophisticated tool for code navigation, compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards will support concurrent engineering. Together, PE, Code Warrior and EVMs create a complete, scalable tools solution for easy, fast, and efficient development. 1.4 Product Documentation The four documents listed in Table 1-1 are required for a complete description of and proper design with the 56857. Documentation is available from local Freescale distributors, Freescale Semiconductor sales offices, Freescale Literature Distribution Centers, or online at www.freescale.com. 1.5 Data Sheet Conventions This data sheet uses the following conventions: Table 1-1 56857 Chip Documentation Topic Description Order Number 56800E Reference Manual Detailed description of the 56800E architecture, 16-bit core processor and the instruction set 56800ERM DSP56857 User’s Manual Detailed description of memory, peripherals, and interfaces of the 56857 DSP5685xUM DSP56857 Technical Data Sheet Electrical and timing specifications, pin descriptions, and package descriptions (this document) DSP56857 DSP56857 Errata Details any chip issues that might be present DSP56857E OVERBAR This is used to indicate a signal that is active when pulled low. For example, the RESET pin is active when low. “asserted” A high true (active high) signal is high or a low true (active low) signal is low. “deasserted” A high true (active high) signal is low or a low true (active low) signal is high. Examples: Signal/Symbol Logic State Signal State Voltage1 1. Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |