Electronic Components Datasheet Search
  English  ▼

X  

DSP56857 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Introduction
56857 Technical Data, Rev. 6
Freescale Semiconductor
7
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56857 are organized into functional groups, as shown in Table 2-1 and
as illustrated in Figure 2-1. In Table 3-1 each table row describes the package pin and the signal or signals
present.
1. VDD = VDD CORE, VSS = VSS CORE, VDDIO= VDD IO, VSSIO = VSS IO, VDDA = VDD ANA, VSSA = VSS ANA
2. MODE A, MODE B and MODE C can be used as GPIO after the bootstrap process has completed.
3. The following Host Interface signals are multiplexed: HRWB to HRD, HDS to HWR, HREQ to HTRQ and HACK to HRRQ.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins
Power (VDD, VDDIO, or VDDA)
(8, 12, 1)1
Ground (VSS, VSSIO,or VSSA)
(5, 12, 2)1
PLL and Clock
3
Chip Select Logic used as dedicated GPIO
4
Interrupt and Program Control
72
Host Interface (HI)*
163
Enhanced Synchronous Serial Interface (ESSI0) Port*
6
Enhanced Synchronous Serial Interface (ESSI1) Port*
6
Serial Communications Interface (SCI0) Ports*
2
Serial Communications Interface (SCI1) Ports*
2
Serial Peripheral Interface (SPI) Port*
4
Quad Timer Module Port*
4
JTAG/Enhanced On-Chip Emulation (EOnCE)
6
*Alternately, GPIO pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com