Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4658
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 5 Page - Analog Devices

  LTM4658 Datasheet HTML 1Page - Analog Devices LTM4658 Datasheet HTML 2Page - Analog Devices LTM4658 Datasheet HTML 3Page - Analog Devices LTM4658 Datasheet HTML 4Page - Analog Devices LTM4658 Datasheet HTML 5Page - Analog Devices LTM4658 Datasheet HTML 6Page - Analog Devices LTM4658 Datasheet HTML 7Page - Analog Devices LTM4658 Datasheet HTML 8Page - Analog Devices LTM4658 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM4659
5
Rev. 0
For more information www.analog.com
Output Transient Response,
VIN = 3.3V, VOUT = 1.5V
Output Transient Response,
VIN = 5V, VOUT = 1.5V
Start-Up with No Load
VOUT
200mV/DIV
AC-COUPLED
ILOAD
5A/DIV
4659 G07
20 s/DIV
IOUT = 2.5A TO 7.5A,
OUTPUT CAPACITOR = 100 F + 22 F ×2
fSW = 2MHz
VOUT
200mV/DIV
AC-COUPLED
ILOAD
5A/DIV
4659 G08
20 s/DIV
IOUT = 2.5A TO 7.5A,
OUTPUT CAPACITOR = 100 F + 22 F ×2
fSW = 2MHz
4659 G09
10ms/DIV
VOUT
1V/DIV
IIN
1A/DIV
RUN
2V/DIV
VIN = 3.3V, VOUT = 1.5V, IOUT = 0A,
fSW = 2MHz
Start-Up with 10A Load
Start-Up with Prebiased Output
4659 G10
10ms/DIV
VIN = 3.3V, VOUT = 1.5V, RLOAD = 0.15Ω,
fSW = 2MHz
VOUT
1V/DIV
IIN
5A/DIV
RUN
2V/DIV
4659 G11
2ms/DIV
VOUT
500mV/DIV
PGOOD
2V/DIV
IIN
1A/DIV
RUN
2V/DIV
VIN = 3.3V, VOUT = 1.5V, IOUT = 0A,
fSW = 2MHz
TYPICAL PERFORMANCE CHARACTERISTICS
Short-Circuit with 10A Load
Short-Circuit with No Load
VOUT
1V/DIV
IIN
2A/DIV
4659 G12
100 s/DIV
VIN = 3.3V, VOUT = 1.5V, IOUT = 0A,
fSW = 2MHz
4659 G13
200 s/DIV
VOUT
1V/DIV
IIN
2A/DIV
VIN = 3.3V, VOUT = 1.5V, IOUT = 10A,
fSW = 2MHz
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4659 G14
[1] HORIZONTAL
QPK LIMIT
DC3248A DEMO BOARD, NO INPUT
EMI FILTER INSTALLED, 3.3VIN TO 1VOUT, RLOAD = 0.125Ω (8A)
Conducted EMI Performance (CISPR32 Radiated
Emission Test with Class B 10m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com