Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4658
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 1 Page - Analog Devices

  LTM4658 Datasheet HTML 1Page - Analog Devices LTM4658 Datasheet HTML 2Page - Analog Devices LTM4658 Datasheet HTML 3Page - Analog Devices LTM4658 Datasheet HTML 4Page - Analog Devices LTM4658 Datasheet HTML 5Page - Analog Devices LTM4658 Datasheet HTML 6Page - Analog Devices LTM4658 Datasheet HTML 7Page - Analog Devices LTM4658 Datasheet HTML 8Page - Analog Devices LTM4658 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTM4659
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
Ultrathin, Low VIN 10A Step-Down
DC/DC µModule Regulator
DESCRIPTION
The LTM®4659 is a complete 10A step-down switch-ing
mode μModule® regulator in a tiny 4mm × 4mm ×
1.43mm LGA package. The package includes the switch-
ing controller, power MOSFETs, inductor and all support
components. Operating over an input voltage range of
2.25V to 5.5V, the LTM4659 supports an output volt-
age range of 0.5V to VIN set by external resistors. Its
high-efficiency design delivers 10A continuous output cur-
rent. Only ceramic input and output capacitors are needed.
The LTM4659 employs a Silent Switcher 2 architecture
with internal hot loop bypass capacitors to achieve both
low EMI and high efficiency at high switching frequencies.
TheLTM4659alsosupportsfrequencysynchronization,mul-
tiphase operation, selectable pulse-skipping mode (PSM)
operation, and output voltage tracking for supply rail
sequencing. Its high switching frequency and a current
mode architecture enables a very fast transient response
to line and load changes without sacrificing stability.
Fault protection features include overvoltage, overcur-
rent, and overtemperature protection. The LTM4659 is
lead(Pb)-Free and RoHS-compliant.
Single 10A, 1V Output DC/DC μModule Regulator
APPLICATIONS
n
Tiny Surface Mount, 4mm × 4mm × 1.43mm LGA
n
Silent Switcher®2 Architecture
n
Ultralow EMI Noise
n
Input Voltage Range: 2.25V to 5.5V
n
Output Voltage Range: 0.5V to VIN
n
10A DC Output Current
n
Current Mode Control, Fast Transient Response
n
Multiphase Parallel Current Sharing with
Multiple LTM4659s
n
Output Soft-Start with Voltage Tracking
n
External Frequency Synchronization
n
Selectable Pulse-Skipping Mode
n
Power Good Indicator
n
Die Temperature Monitoring Output
n
Overvoltage, Overcurrent, and
Overtemperature Protection
n
Telecom, Datacom, Networking System
n
Optical Module
n
Industrial Equipment
n
Point-of-Load Regulation
All registered trademarks and trademarks are the property of their respective owners.
Efficiency vs Load Current
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
4659 TA01b
EFFICIENCY
POWER LOSS
VIN = 3.3V
VOUT = 1V
FREQ = 2MHz
VIN
RUN
FREQ
SSTT
COMP
VOUT
GND
FB
AGND
MODE/SYNC
60.4k
60.4k
4659 TA01a
100µF
6.3V
22µF
6.3V
VOUT
1V, 10A
VIN
2.5V TO 5.5V
LTM4659
PGOOD
0.1µF
6.81k
680pF


Similar Part No. - LTM4658

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4658 AD-LTM4658 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4658EVPBF AD-LTM4658EVPBF Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4658IVPBF AD-LTM4658IVPBF Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results

Similar Description - LTM4658

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4622 LINER-LTM4622_15 Datasheet
774Kb / 26P
Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com