Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4658
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4658 Datasheet HTML 5Page - Analog Devices LTM4658 Datasheet HTML 6Page - Analog Devices LTM4658 Datasheet HTML 7Page - Analog Devices LTM4658 Datasheet HTML 8Page - Analog Devices LTM4658 Datasheet HTML 9Page - Analog Devices LTM4658 Datasheet HTML 10Page - Analog Devices LTM4658 Datasheet HTML 11Page - Analog Devices LTM4658 Datasheet HTML 12Page - Analog Devices LTM4658 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTM4659
9
Rev. 0
For more information www.analog.com
See LTM4659 Typical Application circuit. External compo-
nentselectionisprimarilydeterminedbytheinputvoltage,
the output voltage and the maximum load current. See
Table 8 for specific external capacitor requirements for a
particular application.
VIN to VOUT Step-Down Ratios
The minimum VOUT step-down ratio that can be achieved
for a given input voltage is limited by the minimum on-
time of the regulator.
Theminimumon-timelimitimposesaminimumdutycycle
of the converter which can be calculated using Equation 1.
DMIN = TON(MIN) • fSW
(1)
where TON(MIN) is the minimum on-time, 45ns typical
for the LTM4659. In the rare cases where the minimum
duty cycle is surpassed, the output will overvoltage and
a slower switching frequency is needed to accommodate
the high VIN/VOUT ratio.
The LTM4659 is capable of a maximum duty cycle of
100%; therefore, the VIN-to-VOUT dropout is limited by
the RDS(ON) of the top switch, the inductor DCR, and the
load current.
Output Voltage Programming and Output
Voltage Sensing
The PWM controller has an internal 0.5V reference volt-
age. The resistor divider from the VOUT remote sensing
point to the FB pin and from the FB pin to the AGND pin
programs the output voltage (Equation 2). See the Block
Diagram for more information.
VOUT = 0.5V •
RA +RB
RB
(2)
In high current operation, a ground offset may be present
between the LTM4659 local ground and ground at the
load. To overcome this offset, AGND should have a Kelvin
connection to the load ground, and the lowest potential
node of the resistor divider should be connected to AGND.
The internal error amplifier senses the difference between
this feedback voltage and a 0.5V AGND referenced volt-
age. This scheme overcomes any ground offsets between
APPLICATIONS INFORMATION
local ground and remote output ground, resulting in a
more accurate output voltage. The LTM4659 allows for
remote output ground deviations as much as ±100mV
with respect to the local ground.
Input Decoupling Capacitors
The LTM4659 module should be connected to a low
AC-impedance DC source. All of the VIN pins must be
connected together with short, wide traces and bypassed
to PGND with low ESR capacitors located as close as
possible to the pins. For the regulator, a one-piece 22µF
input ceramic capacitor is recommended for RMS ripple
current decoupling. A bulk input capacitor is only needed
when the input source impedance is compromised by
long inductive leads, traces or not enough source capaci-
tance. The bulk capacitor can be an electrolytic aluminum
capacitor and polymer capacitor.
Without considering the inductor current ripple, the
RMS current of the input capacitor can be estimated
using Equation 3.
ICIN(RMS) =
IOUT(MAX)
η%
• D •(1
−D)
(3)
where η% is the estimated efficiency of the power module.
Output Decoupling Capacitors
Withanoptimizedhigh-frequency,high-bandwidthdesign,
onlytwopiecesof47μFlowESRoutputceramiccapacitors
are required for LTM4659 to achieve low output voltage
ripple and very good transient response. Additional output
filtering may be required by the system designer, if further
reduction of output ripples or dynamic transient spikes is
required. Table 8 shows a matrix of different output volt-
ages and output capacitors to minimize the voltage droop
and overshoot during a 2.5A (25%) load-step transient.
The multiphase operation will reduce effective output
ripple as a function of the number of phases. Analog De-
vices Application Note 77 discusses this noise reduction
versus output ripple current cancellation, but the output
capacitancewillbemoreafunctionofstabilityandtransient
response.TheAnalogDevicesLTpowerCAD®designtoolis
available to download online for output ripple, stability and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com