Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4658
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4658 Datasheet HTML 13Page - Analog Devices LTM4658 Datasheet HTML 14Page - Analog Devices LTM4658 Datasheet HTML 15Page - Analog Devices LTM4658 Datasheet HTML 16Page - Analog Devices LTM4658 Datasheet HTML 17Page - Analog Devices LTM4658 Datasheet HTML 18Page - Analog Devices LTM4658 Datasheet HTML 19Page - Analog Devices LTM4658 Datasheet HTML 20Page - Analog Devices LTM4658 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTM4659
17
Rev. 0
For more information www.analog.com
Figure 6. Power Loss vs
Load Current at 2.5VIN
Figure 7. Power Loss vs Load
Current at 3.3VIN
Figure 8. Power Loss vs Load
Current at 5VIN
Figure 9. 3.3V to 1V Derating
Curve, No Heat Sink
Figure 10. 3.3V to 1.5V
Derating Curve, No Heat Sink
Figure 11. 3.3V to 2.5V
Derating Curve, No Heat Sink
Figure 12. 5V to 1V Derating
Curve, No Heat Sink
Figure 13. 5V to 1.5V Derating
Curve, No Heat Sink
Figure 14. 5V to 2.5V Derating
Curve, No Heat Sink
APPLICATIONS INFORMATION
LOAD CURRENT (A)
4659 F06
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VOUT = 0.5V
VOUT = 0.8V
VOUT = 1V
VOUT = 1.5V
VOUT = 1.8V
LOAD CURRENT (A)
4659 F07
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
VOUT = 0.5V
VOUT = 0.8V
VOUT = 1V
VOUT = 1.5V
VOUT = 1.8V
LOAD CURRENT (A)
4659 F08
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VOUT = 0.5V
VOUT = 0.8V
VOUT = 1V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
4659 F09
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
4659 F10
0LFM
200LFM
400LFM
4659 F11
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
0LFM
200LFM
400LFM
4659 F12
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
0LFM
200LFM
400LFM
4659 F13
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
120
4659 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com