Electronic Components Datasheet Search
  English  ▼

X  

MAX77972 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX77972
Description  AccuCharge ModelGauge 1-Cell Fuel Gauge and 3A Charger with Integrated USB Type-C Detection
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77972 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX77972 Datasheet HTML 28Page - Analog Devices MAX77972 Datasheet HTML 29Page - Analog Devices MAX77972 Datasheet HTML 30Page - Analog Devices MAX77972 Datasheet HTML 31Page - Analog Devices MAX77972 Datasheet HTML 32Page - Analog Devices MAX77972 Datasheet HTML 33Page - Analog Devices MAX77972 Datasheet HTML 34Page - Analog Devices MAX77972 Datasheet HTML 35Page - Analog Devices MAX77972 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 171 page
background image
MAX77972
AccuCharge + ModelGauge 1-Cell Fuel Gauge
and 3A Charger with Integrated USB Type-C
Detection
www.analog.com
Analog Devices | 32
Table 3. VCHG Pin Resistor Configuration
VCHG 1%
resistor (kΩ)
PinID.VCHG
nVChgCfg1.RoomChargeVolt
(V)
Vempty.VE
(V)
Vempty.VR
(V)
ModelCFG.
ModeID
ModelCFG.
VCHG
0.075
0x0
4.5
3.4
3.96
0
1
0.232
0x1
4.47
3.4
3.96
0
1
0.402
0x2
4.45
3.4
3.96
0
1
0.576
0x3
4.44
3.4
3.96
0
1
0.768
0x4
4.43
3.4
3.96
0
1
0.976
0x5
4.42
3.4
3.96
0
1
1.21
0x6
4.4
3.4
3.96
0
1
1.43
0x7
4.39
3.35
3.92
0
1
1.69
0x8
4.38
3.35
3.92
0
1
1.96
0x9
4.37
3.35
3.92
0
1
2.26
0xA
4.36
3.35
3.92
0
1
2.61
0xB
4.35
3.35
3.92
0
1
3.01
0xC
4.34
3.3
3.88
0
1
3.4
0xD
4.32
3.3
3.88
0
1
3.83
0xE
4.3
3.3
3.88
0
1
4.42
0xF
4.27
3.3
3.88
0
1
4.99
0x10
4.25
3.3
3.88
0
1
5.62
0x11
4.22
3.3
3.88
0
0
6.34
0x12
4.2
3.3
3.88
0
0
7.32
0x13
4.17
3.3
3.88
0
0
8.25
0x14
4.15
3.3
3.88
0
0
9.53
0x15
4.12
3.3
3.88
0
0
11
0x16
4.1
3.3
3.76
0
0
13
0x17
4
3.3
3.68
0
0
15.4
0x18
3.9
3.2
3.56
0
0
18.2
0x19
3.8
3.1
3.48
0
0
22.6
0x1A
3.7
3
3.36
6
0
28.7
0x1B
3.6
2.9
3.32
6
0
38.3
0x1C
3.55
2.85
3.32
6
0
54.9
0x1D
3.5
2.8
3.28
6
0
95.3
0x1E
3.45
2.7
3.2
6
0
> 294
0x1F
4.3
3.3
3.88
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com