Electronic Components Datasheet Search
  English  ▼

X  

MAX77972 Datasheet(PDF) 86 Page - Analog Devices

Part # MAX77972
Description  AccuCharge ModelGauge 1-Cell Fuel Gauge and 3A Charger with Integrated USB Type-C Detection
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77972 Datasheet(HTML) 86 Page - Analog Devices

Back Button MAX77972 Datasheet HTML 82Page - Analog Devices MAX77972 Datasheet HTML 83Page - Analog Devices MAX77972 Datasheet HTML 84Page - Analog Devices MAX77972 Datasheet HTML 85Page - Analog Devices MAX77972 Datasheet HTML 86Page - Analog Devices MAX77972 Datasheet HTML 87Page - Analog Devices MAX77972 Datasheet HTML 88Page - Analog Devices MAX77972 Datasheet HTML 89Page - Analog Devices MAX77972 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 171 page
background image
MAX77972
AccuCharge + ModelGauge 1-Cell Fuel Gauge
and 3A Charger with Integrated USB Type-C
Detection
www.analog.com
Analog Devices | 86
BITFIELD
BITS
DESCRIPTION
DECODE
Cycles
15:0
Cycles. The Cycles register maintains a total count
of the number of charge/discharge cycles of the
cell. The result is stored as a fraction of a full cycle.
For example, a full charge/discharge cycle results in
the Cycles register incrementing by 100%. The
Cycles register accumulates fractional or whole
cycles. For example, if a battery is cycled 10% x 10
times, then it is equivalent to 100% of one cycle.
Type = cycles
Scalar = 1.0
Lsbunit = %
Offset = 0.0
Signed = False
MaximumScaled = 65535.0
MinimumScaled = 0.0
DesignCap (0x18)
BIT
15
14
13
12
11
10
9
8
Field
DesignCap[15:8]
Reset
0x05DC
Access Type
Write, Read
BIT
7
6
5
4
3
2
1
0
Field
DesignCap[7:0]
Reset
0x05DC
Access Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
DesignCap
15:0
Design capacity. The DesignCap register holds the
nominal capacity of the cell. This value is used to
determine the age and health of the cell by
comparing it against the measured present cell
capacity.
Type = capacity
Scalar = 0.5
Lsbunit = mAh (10mΩ RSENSE)
Offset = 0.0
Signed = False
MaximumScaled = 32767.5
MinimumScaled = 0.0
AvgVCell (0x19)
BIT
15
14
13
12
11
10
9
8
Field
AvgVCell[15:8]
Reset
0xB400
Access Type
Write, Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com