Electronic Components Datasheet Search
  English  ▼

X  

MAX77972 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX77972
Description  AccuCharge ModelGauge 1-Cell Fuel Gauge and 3A Charger with Integrated USB Type-C Detection
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77972 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX77972 Datasheet HTML 48Page - Analog Devices MAX77972 Datasheet HTML 49Page - Analog Devices MAX77972 Datasheet HTML 50Page - Analog Devices MAX77972 Datasheet HTML 51Page - Analog Devices MAX77972 Datasheet HTML 52Page - Analog Devices MAX77972 Datasheet HTML 53Page - Analog Devices MAX77972 Datasheet HTML 54Page - Analog Devices MAX77972 Datasheet HTML 55Page - Analog Devices MAX77972 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 171 page
background image
MAX77972
AccuCharge + ModelGauge 1-Cell Fuel Gauge
and 3A Charger with Integrated USB Type-C
Detection
www.analog.com
Analog Devices | 52
Soft Reset
Soft reset restores the MAX77972 to its power-up state, the same as if the power had been cycled. This is useful for
testing different configurations without writing to nonvolatile memory. Use the following sequences to reset the IC.
• Reset IC hardware by writing 000Fh to the Command register.
• Wait 30ms.
• Follow software implementation guide to initialize MAX77972.
Pushbutton SYS Hard Reset
When nChgConfig5.DATAMUX is set to 0 (default), pushbutton SYS reset feature is enabled on DATAMUX pin. Hold
DATAMUX pin low for 6s to cycle the power on SYS pin for 150ms.
I2C Serial Communication
General Description
The IC features a revision 3.0 I2C-compatible, 2-wire serial interface consisting of a bidirectional serial data line (SDA)
and a serial clock line (SCL). This device relies on the controller to generate a clock signal. SCL clock rates from 0Hz to
400kHz are supported.
I2C is an open-drain bus and therefore SDA and SCL require pullups. Optional resistors (24Ω) in series with SDA and
SCL protect the device inputs from high-voltage spikes on the bus lines. Series resistors also minimize crosstalk and
undershoot on bus signals.
Figure 20 shows the functional diagram for the I2C based communications controller. For additional information on I2C,
see the I2C Bus Specification and User Manual which is available for free through the internet.
Features
• I2C Revision 3.0 compatible serial communications channel
• Compatible with any bus timing up to 400kHz
• Does not utilize I2C clock stretching
I2C Simplified Block Diagram
There are three pins (aside from GND) for the I2C-compatible interface. VIO determines the logic level, SCL is the clock
line, and SDA is the data line. Note that the interface cannot drive the SCL line.
ep
Figure 20. I2C Simplified Block Diagram
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com