Electronic Components Datasheet Search
  English  ▼

X  

MAX77972 Datasheet(PDF) 92 Page - Analog Devices

Part # MAX77972
Description  AccuCharge ModelGauge 1-Cell Fuel Gauge and 3A Charger with Integrated USB Type-C Detection
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX77972 Datasheet(HTML) 92 Page - Analog Devices

Back Button MAX77972 Datasheet HTML 88Page - Analog Devices MAX77972 Datasheet HTML 89Page - Analog Devices MAX77972 Datasheet HTML 90Page - Analog Devices MAX77972 Datasheet HTML 91Page - Analog Devices MAX77972 Datasheet HTML 92Page - Analog Devices MAX77972 Datasheet HTML 93Page - Analog Devices MAX77972 Datasheet HTML 94Page - Analog Devices MAX77972 Datasheet HTML 95Page - Analog Devices MAX77972 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 171 page
background image
MAX77972
AccuCharge + ModelGauge 1-Cell Fuel Gauge
and 3A Charger with Integrated USB Type-C
Detection
www.analog.com
Analog Devices | 92
Reset
0x05DC
Access Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
FullCapNom
15:0
Calculated cell full capacity. This register holds the
calculated full capacity of the cell, not including
temperature and empty compensation. A new full-
capacity nominal value is calculated each time a
cell relaxation event is detected. This register is
used to calculate other outputs of the ModelGauge
m5 algorithm.
Type = capacity
Scalar = 0.5
Lsbunit = mAh (10mΩ RSENSE)
Offset = 0.0
Signed = False
MaximumScaled = 32767.5
MinimumScaled = 0.0
FullCap (0x24)
BIT
15
14
13
12
11
10
9
8
Field
FullCap[15:8]
Reset
0x05DC
Access Type
Write, Read
BIT
7
6
5
4
3
2
1
0
Field
FullCap[7:0]
Reset
0x05DC
Access Type
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
FullCap
15:0
This register holds the calculated full capacity of the
cell based on all inputs from the ModelGauge m5
EZ algorithm, including empty compensation. A new
full-capacity value is calculated continuously as
application conditions change (temperature and
load).
Type = capacity
Scalar = 0.5
Lsbunit = mAh (10mΩ RSENSE)
Offset = 0.0
Signed = False
MaximumScaled = 32767.5
MinimumScaled = 0.0
VFRemCap (0x25)
BIT
15
14
13
12
11
10
9
8
Field
VFRemCap[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com