Electronic Components Datasheet Search
  English  ▼

X  

LTC7801 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC7801
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7801 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC7801 Datasheet HTML 45Page - Analog Devices LTC7801 Datasheet HTML 46Page - Analog Devices LTC7801 Datasheet HTML 47Page - Analog Devices LTC7801 Datasheet HTML 48Page - Analog Devices LTC7801 Datasheet HTML 49Page - Analog Devices LTC7801 Datasheet HTML 50Page - Analog Devices LTC7801 Datasheet HTML 51Page - Analog Devices LTC7801 Datasheet HTML 52Page - Analog Devices LTC7801 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
49 of 59
Figure 72. 2-Phase Current Sharing Application
Programming V
IN UVLO
A resistor divider from VIN to the EN/UVLO pin implements VIN undervoltage lockout (UVLO). The EN/UVLO falling
threshold is set at 1.35V with 100mV of hysteresis. The programmable UVLO threshold can be calculated using
Equation 19.
������������������������������− = 1.35 •
������1+������2
������2
(19)
Figure 73 shows the implementation of external shutdown control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on and puts the LT8210-1 into shutdown with a quiescent current around
1µA. If the functionality of the EN/UVLO pin is not needed, connect to the VIN pin for always-on operation.
Figure 73. VIN UVLO Implementation Using the EN/UVLO Pin
–
+
A3
IMON
100pF
RC1
RIMON
SNSP2
RSENSE2
FROM DC
POWER SUPPLY
TO DRAIN OF
SWITCH A
SNSN2
LT8210-1
INPUT
CURRENT
VC1
1.01V
PWGD
1.20V
gm =
600μA/V
+
RF
RF C
F
CC1
CP1
VDD
RUN/STOP
CONTROL
(OPTIONAL)
EN/UVLO
GND
LT8210-1
R1
R2
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com