Electronic Components Datasheet Search
  English  ▼

X  

LTC7801 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC7801
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7801 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC7801 Datasheet HTML 3Page - Analog Devices LTC7801 Datasheet HTML 4Page - Analog Devices LTC7801 Datasheet HTML 5Page - Analog Devices LTC7801 Datasheet HTML 6Page - Analog Devices LTC7801 Datasheet HTML 7Page - Analog Devices LTC7801 Datasheet HTML 8Page - Analog Devices LTC7801 Datasheet HTML 9Page - Analog Devices LTC7801 Datasheet HTML 10Page - Analog Devices LTC7801 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
7 of 59
(Specifications are at TA = 25°C. VIN = 12V, VINP = 12V, VEN/UVLO = 3.3V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
DG Gate Drive Voltage
(VDG– VIN)
VDG_DRIVE
Non-Switching
-40°C ≤ TJ ≤ 125°C
7.0
8.5
V
Reverse Input
Disconnect Threshold
(VIN)
VREV_DIS_TH
IDG= 100µA
-40°C ≤ TJ ≤ 125°C
–1.8
–1.2
–0.5
V
DG Pin Pull-Down
Current
IDB_PULL_DN
VIN= –4V, VDG – VIN
= 5V
-40°C ≤ TJ ≤ 125°C
50
80
130
mA
DG Pin Pull-Up
Current
IDG_PULL_UP
VDG – VIN = 1.5V
-40°C ≤ TJ ≤ 125°C
100
180
µA
VDG – VIN = 8.5V
-40°C ≤ TJ ≤ 125°C
4
25
DG Undervoltage
Threshold (VDG– VIN)
VDG_UV_TH
Rising
-40°C ≤ TJ ≤ 125°C
2.3
2.8
3
V
DG Undervoltage
Hysteresis (VDG – VIN)
VDG_UV_HYST
700
mV
Voltage Regulation
FB1 Regulation
Voltage
VFB1
Regulation
Voltage for CCM,
DCM Operation,
Pass-Thru Mode
Boost Loop
-40°C ≤ TJ ≤ 125°C 0.982
1.00
1.016
V
FB2 Regulation
Voltage
VFB2
Regulation
Voltage Pass-
Thru Mode Buck
Loop
-40°C ≤ TJ ≤ 125°C
0.98
1.00
1.02
V
FB1, FB2 Input Bias
Current
IB_FB1
IB_FB2
-40°C ≤ TJ ≤ 125°C
0.001
0.04
µA
FB1, FB2 Line
Regulation
VINP = 3V to 100V
-40°C ≤ TJ ≤ 125°C
0.001 0.008
%/V
FB1, FB2 Error
Amplifier
Transconductance
450
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com