Electronic Components Datasheet Search
  English  ▼

X  

LTC7801 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC7801
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7801 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC7801 Datasheet HTML 16Page - Analog Devices LTC7801 Datasheet HTML 17Page - Analog Devices LTC7801 Datasheet HTML 18Page - Analog Devices LTC7801 Datasheet HTML 19Page - Analog Devices LTC7801 Datasheet HTML 20Page - Analog Devices LTC7801 Datasheet HTML 21Page - Analog Devices LTC7801 Datasheet HTML 22Page - Analog Devices LTC7801 Datasheet HTML 23Page - Analog Devices LTC7801 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
20 of 59
Figure 17. Static Reverse Input Protection (Figure 79)
Figure 18. Dynamic Reverse Input Protection (Figure 79)
Figure 19. Transition to Current Regulation (Figure 79)
Figure 20. Inductor Current at Light Load (Figure 79)
Figure 21. Load Step (Boost Region – Figure 79), 18.75A to 60A,
VIN = 7V, VOUT = 12V, CCM
Figure 22. Load Step (Buck-Boost Region – Figure 79),
18.75A to 60A, VIN = 12V, VOUT = 12V, CCM
VIN FROM 0V TO –14V
2ms/DIV
IIN
1A/DIV
VIN
10V/DIV
VINP
1V/DIV
DG
10V/DIV
VIN FROM 12V TO –6V
4ms/DIV
VINP
10V/DIV
DG (One Rail)
20V/DIV
VOUT
10V/DIV
VIN
20V/DIV
CCM MODE
4ms/DIV
IMON
500mV/DIV
VOUT
5V/DIV
IOUT
10A/DIV
IL
10A/DIV
VIN = 12V, IOUT = 7.5A
10µs/DIV
IL (CCM)
1A/DIV
IL (DCM)
1A/DIV
IL (PASS-THRU)
1A/DIV
500µs/DIV
IOUT
25A/DIV
IMON
100mV/DIV
VOUT (AC)
1V/DIV
IL
20A/DIV
500µs/DIV
IOUT
25A/DIV
IMON
100mV/DIV
VOUT (AC)
500mV/DIV
IL
15A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com