Electronic Components Datasheet Search
  English  ▼

X  

LTC7801 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7801
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7801 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7801 Datasheet HTML 20Page - Analog Devices LTC7801 Datasheet HTML 21Page - Analog Devices LTC7801 Datasheet HTML 22Page - Analog Devices LTC7801 Datasheet HTML 23Page - Analog Devices LTC7801 Datasheet HTML 24Page - Analog Devices LTC7801 Datasheet HTML 25Page - Analog Devices LTC7801 Datasheet HTML 26Page - Analog Devices LTC7801 Datasheet HTML 27Page - Analog Devices LTC7801 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
24 of 59
Figure 41. GATEVCC Response to Input Brownout (EXTVCC = 12V)
Figure 42. GATEVCC Response to Input Brownout
(EXTVCC = 0V)
Figure 43. DG Pin Charging Current vs. Voltage
Figure 44. BST1, BST2 Average Charging Current for
Non-Switching Channel
Figure 45. DG, BST1, BST2 Charging in Pass-Thru (Figure 79)
Figure 46. Current Sharing, 12VIN, CCM
VIN FROM 12V TO 4V
VOUT = 12V
VGATEV
CC = 10.6V
VDD = 3.3V
200µs/DIV
VDD
2V/DIV
VIN
5V/DIV
GATEVCC
5V/DIV
VOUT
10V/DIV
GATEVCC UVLO
CGATEVCC = 68µF
4ms/DIV
VIN FROM 12V TO 4V
VGATEV
CC = 10.6V
VGATEV
CC < 3.7V
SS
2V/DIV
VIN
5V/DIV
GATEVCC
5V/DIV
VOUT
10V/DIV
0
25
50
75
100
125
150
175
200
225
250
VIN = 4.5V
VIN = 8V
VIN = 12V
VIN = 48V
VDG – VIN (V)
0
1
2
3
4
5
6
7
8
9
10
IBST2
IBST1
VOUT = 12V
DCM (IOUT = 0.02A, fSW = 80kHz)
DCM (IOUT = 0.02A, fSW = 400kHz)
CCM
INPUT VOLTAGE (V)
10
100
1k
10k
4
12
20
28
36
20ms/DIV
DG (AC)
2V/DIV
BST2 (AC)
2V/DIV
BST1 (AC)
2V/DIV
RAIL 1
RAIL 2
RAIL 3
RAIL 4
% ERROR
% ERROR
% ERROR
% ERROR
TOTAL LOAD CURRENT (A)
3.6
10.7 17.8 24.9 32.0 39.0 46.1 53.2 60.3 67.4 74.4
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com