Electronic Components Datasheet Search
  English  ▼

X  

LT8210 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8210
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8210 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8210 Datasheet HTML 9Page - Analog Devices LT8210 Datasheet HTML 10Page - Analog Devices LT8210 Datasheet HTML 11Page - Analog Devices LT8210 Datasheet HTML 12Page - Analog Devices LT8210 Datasheet HTML 13Page - Analog Devices LT8210 Datasheet HTML 14Page - Analog Devices LT8210 Datasheet HTML 15Page - Analog Devices LT8210 Datasheet HTML 16Page - Analog Devices LT8210 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
13 of 59
6
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, functional operation of the product at these or any other conditions above those
indicated in the operational section of this specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product reliability.
Thermal Resistance
Thermal performance is directly linked to PCB design and the operating environment. Close attention to PCB
thermal design is required.
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Diagram
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
(Not to Scale)
LT8210-1
41
GND
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
SYNC/SPRD
PWGD
RT
GND
VDD
SS
IMON
VC1
VC2
FB2
SNSN1
TG1
SW1
BST1
NC
EXTVCC
GATEVCC
BG1
PGND
BG2
21
30
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com