Electronic Components Datasheet Search
  English  ▼

X  

LT8210 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8210
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8210 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8210 Datasheet HTML 12Page - Analog Devices LT8210 Datasheet HTML 13Page - Analog Devices LT8210 Datasheet HTML 14Page - Analog Devices LT8210 Datasheet HTML 15Page - Analog Devices LT8210 Datasheet HTML 16Page - Analog Devices LT8210 Datasheet HTML 17Page - Analog Devices LT8210 Datasheet HTML 18Page - Analog Devices LT8210 Datasheet HTML 19Page - Analog Devices LT8210 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
16 of 59
PIN
NAME
DESCRIPTION
When operating in the boost region or within the pass-thru window, TG1 pin
is held roughly at VIN+ GATEVCC continuously.
Pin 30, 31
SNSN1,
SNSP1
Positive (+) and Negative (–) Inputs for the Inductor Current Sense Amplifier.
Place an appropriately valued shunt resistor in series with the inductor on
the SW1 side and connect to SNSP1 and SNSN1. The SNSP1 – SNSN1 voltage
is used for current mode control and reverse current detection.
Pin 33
VINP
Protected Main Input Supply. This pin must connect to the drain terminal of
switch A. Use a small RC low-pass filter (e.g., 1Ω and 1µF) for improved jitter
performance. When reverse input protection is implemented, connect this
pin to the drain of the DG MOSFET; otherwise, connect to VIN.
Pin 34
DG
Reverse Input Protection Gate Drive Output. When VINis pulled below –1.2V,
this pin is clamped internally to VIN with a low resistance switch, forcing an
external MOSFET between the VIN and VINP pins into cutoff. In normal
operation, this pin is charged to roughly VIN + GATEVCC with an internal
charge pump to fully enhance the external MOSFET. DG can tolerate
negative voltages down to –40V.
Pin 35
VIN
Input Voltage Pin. This pin is used for powering the start-up circuitry and the
internal charge pump. VIN can withstand negative voltages down to –40V
without damaging the regulator or drawing large currents.
Pin 37
EN/UVLO
Precision Enable Input. The part is enabled when this pin is pulled above
1.45V. A voltage below 1.35V causes the LT8210-1 to reside in a low-power
shutdown mode. Tie to VIN for always-on operation. Connect to a resistor
divider between VIN and ground to set an undervoltage lockout threshold.
EN/UVLO can tolerate negative voltages up to 40V.
Pin 39
MODE2
Operating Mode Selection Input #2. Used in conjunction with the MODE1 pin
to select between continuous conduction switching (CCM), discontinuous
switching (DCM), and pass-thru operating modes. See Table 1 in the
Operation section for mode pin settings.
Pin 40
MODE1
Operating Mode Selection Input #1. Used in conjunction with MODE2 pin to
select between continuous conduction switching (CCM), discontinuous
switching (DCM), and pass-thru operating modes. See Table 1 in the
Operation section for mode pin settings.
Pin 41/Exposed
Pad
GND
Signal Ground. All small-signal components and compensation components
should connect to this ground, which in turn connects to the PCB ground at
one location away from high currents and switching noise. The exposed pad
must be soldered to the PCB and connected to the GND pin using top layer
metal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com