Electronic Components Datasheet Search
  English  ▼

X  

LT8210 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8210
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8210 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8210 Datasheet HTML 13Page - Analog Devices LT8210 Datasheet HTML 14Page - Analog Devices LT8210 Datasheet HTML 15Page - Analog Devices LT8210 Datasheet HTML 16Page - Analog Devices LT8210 Datasheet HTML 17Page - Analog Devices LT8210 Datasheet HTML 18Page - Analog Devices LT8210 Datasheet HTML 19Page - Analog Devices LT8210 Datasheet HTML 20Page - Analog Devices LT8210 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
17 of 59
BLOCK DIAGRAM
Figure 4. Block Diagram
TJ > THERMAL LIMIT
3.3V LDO
10V LDO
BST1
TG1
SW1
BG1
BUCK
LOGIC
VCP
VIN
BST2
TG2
SW2
BG2
VOUT
BOOST
LOGIC
FB2
FB1
A1
A2
+
+
PWGD
IMON
SNSN2
SNSP2
MODE2
MODE1
EN/UVLO
VDD
GATEVCC
RT
SYNC
RT
SYNC
NO_SW
FB2
1.10V
0.90V
FB1
15V/V
A3
1.20V
CLK_BK
CLK_BST
SLP
VINP
DG–VIN
GATEVCC
VDD
NO_SW
VINP
VOUT
SHORT_FB
1.35V
DG
EXTVCC
VINP
VIN
SNSN1
SNSP1
1.00V
–1.2V
VCP
NO_SW
RESET_BK
CLK_BK
REVERSE
GATEVCC
PGND
SLP
NO_SW
RESET_BST
CLK_BST
REVERSE
GATEVCC
PGND
SLP
1.00V
1.00V
VC2
VC1
SS
GND
SHORT_FB
SHORT_FB
SHORT_FB
NO_SW
VDD
5μA
LPF
PGND
1.00V
+
+
–
–
+
LT8210-1
A3
A2
A1
UNDER-
VOLTAGE
COMPARTORS
SYSTEM
REFERENCE
OPERATING
REGION
CONTROL
CHARGE
PUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com