Electronic Components Datasheet Search
  English  ▼

X  

LT8210 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8210
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8210 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8210 Datasheet HTML 17Page - Analog Devices LT8210 Datasheet HTML 18Page - Analog Devices LT8210 Datasheet HTML 19Page - Analog Devices LT8210 Datasheet HTML 20Page - Analog Devices LT8210 Datasheet HTML 21Page - Analog Devices LT8210 Datasheet HTML 22Page - Analog Devices LT8210 Datasheet HTML 23Page - Analog Devices LT8210 Datasheet HTML 24Page - Analog Devices LT8210 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
21 of 59
Figure 23. Load Step (Buck Region – Figure 79), 18.75A to 60A,
VIN = 24V, VOUT = 12V, CCM
Figure 24. Line Step (Boost Region – Figure 79)
Figure 25. Line Step (Buck-Boost Region – Figure 79)
Figure 26. Line Step (Buck Region – Figure 79)
Figure 27. Input Voltage Sweep (CCM Mode – Figure 79), 37.5A
Load
Figure 28. Input Voltage Sweep (Pass-Thru – Figure 79),
37.5A Load
500µs/DIV
IOUT
25A/DIV
IMON
100mV/DIV
VOUT (AC)
500mV/DIV
IL
15A/DIV
VIN FROM 8V TO 12V
IOUT = 20A
CCM MODE
50µs/DIV
VIN
10V/DIV
SW2
10V/DIV
VOUT (AC)
200mV/DIV
IL
10A/DIV
VIN FROM 12V TO 22V
IOUT = 20A
CCM MODE
50µs/DIV
VIN
20V/DIV
SW2
20V/DIV
VOUT(AC)
200mV/DIV
IL
10A/DIV
VIN FROM 20V TO 30V
IOUT = 20A
CCM MODE
50µs/DIV
VIN
20V/DIV
SW1
50V/DIV
VOUT (AC)
200mV/DIV
IL
10A/DIV
VOUT = 12V
VIN = 6V
VIN = 20V
300µs/DIV
VIN
5V/DIV
SW1
20V/DIV
SW2
10V/DIV
VOUT
5V/DIV
VOUT = 16V
VOUT = 8V
300µs/DIV
VIN
5V/DIV
SW1
20V/DIV
SW2
10V/DIV
VOUT
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com