Electronic Components Datasheet Search
  English  ▼

X  

SD56120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD56120
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SD56120 Datasheet HTML 2Page - STMicroelectronics SD56120 Datasheet HTML 3Page - STMicroelectronics SD56120 Datasheet HTML 4Page - STMicroelectronics SD56120 Datasheet HTML 5Page - STMicroelectronics SD56120 Datasheet HTML 6Page - STMicroelectronics SD56120 Datasheet HTML 7Page - STMicroelectronics SD56120 Datasheet HTML 8Page - STMicroelectronics SD56120 Datasheet HTML 9Page - STMicroelectronics SD56120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical performance
SD56120
6/15
4
Typical performance
Figure 2.
Capacitance vs drain voltage
(per section)
Figure 3.
Gate-source voltage vs case
temperature
Figure 4.
Drain current vs gate voltage
Figure 5.
Output power vs input power
0
1020
3040
50
Vds (V)
1
10
100
1000
C (pF)
Ciss
Coss
Crss
f = 1 MHz
per section
-25
0
25
50
75
100
Tc (°C)
0.96
0.98
1
1.02
1.04
VGS (NORMALIZED)
VDS = 10 V
per section
Id = 1 A
Id = 2 A
Id = 5 A
Id = 4 A
Id = 3 A
2.5
3
3.5
4
4.5
5
Vgs (V)
0
1
2
3
4
5
6
Id (A)
Vds = 10 V
per section
01
2
3
4
Pin (W)
0
20
40
60
80
100
120
140
Pout (W)
VDD = 28 V
IDQ = 400 mA
f = 860 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com