Electronic Components Datasheet Search
  English  ▼

X  

SD56120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD56120
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120 Datasheet(HTML) 5 Page - STMicroelectronics

  SD56120 Datasheet HTML 1Page - STMicroelectronics SD56120 Datasheet HTML 2Page - STMicroelectronics SD56120 Datasheet HTML 3Page - STMicroelectronics SD56120 Datasheet HTML 4Page - STMicroelectronics SD56120 Datasheet HTML 5Page - STMicroelectronics SD56120 Datasheet HTML 6Page - STMicroelectronics SD56120 Datasheet HTML 7Page - STMicroelectronics SD56120 Datasheet HTML 8Page - STMicroelectronics SD56120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SD56120
Impedances
5/15
3
Impedances
Figure 1.
Current conventions
Note:
Measured drain to drain and gate to gate respectively.
Table 5.
Impedance data
Freq. (MHz)
ZIN (Ω)ZDL(Ω)
860 MHz
1.11 - j 2.63
3.01 + j 5.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com