Electronic Components Datasheet Search
  English  ▼

X  

SD56120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD56120
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120 Datasheet(HTML) 1 Page - STMicroelectronics

  SD56120 Datasheet HTML 1Page - STMicroelectronics SD56120 Datasheet HTML 2Page - STMicroelectronics SD56120 Datasheet HTML 3Page - STMicroelectronics SD56120 Datasheet HTML 4Page - STMicroelectronics SD56120 Datasheet HTML 5Page - STMicroelectronics SD56120 Datasheet HTML 6Page - STMicroelectronics SD56120 Datasheet HTML 7Page - STMicroelectronics SD56120 Datasheet HTML 8Page - STMicroelectronics SD56120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2006
Rev 3
1/15
15
SD56120
RF POWER Transistors, LDMOST plastic family
N-Channel enhancement-mode lateral MOSFETs
General features
Excellent thermal stability
Common source configuration Push-pull
POUT = 100W with 14dB gain @ 860MHz
BeO free package
Description
The SD56120 is a common source N-Channel
enhancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.0GHz. The SD56120 is designed for high gain
and broadband performance operating in
common source mode at 28 V. It is ideal for
broadcast applications from 470 to 860 MHz
requiring high linearity.
Pin connection
M246
Epoxy sealed
1-2 Drain
4-5 Gate
3 Source
12
4
5
www.st.com
Order codes
Part number
Package
Branding
SD56120
M246
TSD56120


Similar Part No. - SD56120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
RF POWER TRANSISTORS RF POWER TRANSISTORS
Nov-1999
logo
List of Unclassifed Man...
SD56120 ETC1-SD56120 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD56120C STMICROELECTRONICS-SD56120C Datasheet
230Kb / 15P
Excellent thermal stability
01-Sep-2009
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
11-Mar-2003
logo
List of Unclassifed Man...
SD56120M ETC1-SD56120M Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD56120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57060-E STMICROELECTRONICS-PD57060-E Datasheet
488Kb / 21P
RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
23-Jan-2007
PD57070-E STMICROELECTRONICS-PD57070-E Datasheet
483Kb / 22P
RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
13-Jul-2006
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com