Electronic Components Datasheet Search
  English  ▼

X  

SD56120 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SD56120
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SD56120 Datasheet HTML 4Page - STMicroelectronics SD56120 Datasheet HTML 5Page - STMicroelectronics SD56120 Datasheet HTML 6Page - STMicroelectronics SD56120 Datasheet HTML 7Page - STMicroelectronics SD56120 Datasheet HTML 8Page - STMicroelectronics SD56120 Datasheet HTML 9Page - STMicroelectronics SD56120 Datasheet HTML 10Page - STMicroelectronics SD56120 Datasheet HTML 11Page - STMicroelectronics SD56120 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical performance
SD56120
8/15
Figure 10.
Output power vs drain voltage
Figure 11.
Output power vs bias current
Figure 12.
Output power vs gate-source
voltage
12
16
20
24
28
32
36
Vds (V)
30
40
50
60
70
80
90
100
110
120
130
Pout (W)
Pin = 2.5 W
Idq= 400 mA
f = 860 MHz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Idq (A)
100
105
110
115
120
Pout (W)
Vdd = 28 V
Pin = 2.5 W
f = 860 MHz
0
0.5
1
1.5
2
2.5
3
3.5
Vgs (V)
0
20
40
60
80
100
120
140
Pout (W)
Vdd = 28 V
Pin = 2.5 W
f = 860 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com