Electronic Components Datasheet Search
  English  ▼

X  

MP1488 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1488
Description  800mA Fixed Frequency White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1488 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1488 Datasheet HTML 1Page - Monolithic Power Systems MP1488 Datasheet HTML 2Page - Monolithic Power Systems MP1488 Datasheet HTML 3Page - Monolithic Power Systems MP1488 Datasheet HTML 4Page - Monolithic Power Systems MP1488 Datasheet HTML 5Page - Monolithic Power Systems MP1488 Datasheet HTML 6Page - Monolithic Power Systems MP1488 Datasheet HTML 7Page - Monolithic Power Systems MP1488 Datasheet HTML 8Page - Monolithic Power Systems MP1488 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP1488
– 800mA, FIXED FREQUENCY WHITE LED DRIVER
MP1488 Rev. 1.0
www.MonolithicPower.com
5
3/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
TSOT23-6
Pin #
Name
Description
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to SW. SW can swing between GND and 25V.
2
GND
Ground.
3
FB
Feedback Input. The MP1488 regulates the voltage across the current sense resistor
between FB and GND. Connect a current sense resistor from the bottom of the LED
string to GND. Connect the bottom of the LED string to FB. The regulation voltage is
104mV.
4
EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a low
input turns it off. When not used, connect EN to the input source for automatic startup.
The EN pin cannot be left floating.
5
OV
Over Voltage Input. OV measures the output voltage for open circuit protection.
Connect OV to the output at the top of the LED string.
6
IN
Input Supply Pin. Must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com