Electronic Components Datasheet Search
  English  ▼

X  

MP1488 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1488
Description  800mA Fixed Frequency White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1488 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1488 Datasheet HTML 3Page - Monolithic Power Systems MP1488 Datasheet HTML 4Page - Monolithic Power Systems MP1488 Datasheet HTML 5Page - Monolithic Power Systems MP1488 Datasheet HTML 6Page - Monolithic Power Systems MP1488 Datasheet HTML 7Page - Monolithic Power Systems MP1488 Datasheet HTML 8Page - Monolithic Power Systems MP1488 Datasheet HTML 9Page - Monolithic Power Systems MP1488 Datasheet HTML 10Page - Monolithic Power Systems MP1488 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP1488
– 800mA, FIXED FREQUENCY WHITE LED DRIVER
MP1488 Rev. 1.0
www.MonolithicPower.com
8
3/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Figure 2
—Circuit for Driving 27 WLEDs
A typical application circuit is provided in Figure
2. The 27 white LEDs can be driven from a
voltage supply range of 4V to 6V at a total
output current of 180mA. A 2.2µF output
capacitor is sufficient for most applications but
up to 1µF may be used. A 10µH inductor with
low DCR (inductor resistance) is recommended
to
improve
efficiency.
A
4.7µF
ceramic
capacitor
is
recommended
for
the
input
capacitance in the real system. Schottky diodes
with fast recovery and a low forward voltage are
recommended. Schottky diodes with a 500mA
rating are sufficient for the MP1488. The
switching
characteristics
during
normal
operation can be seen in Figure 3. The MP1488
has internal soft-start to limit the amount of
current through the IN pin at startup and to also
limit the amount of overshoot on the output. The
current limit is increased by a fourth every 40µs
giving a total soft-start time of 120µs.
Figure 3
—Steady State Operation
Figure 4 shows the startup behavior of the
MP1488. The ramped voltage added to the
current sense amplifier reduces the current
output as the duty cycle increases. As more
LEDs are added, the output voltage rises but
the current that can be delivered to the load is
reduced as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com