Electronic Components Datasheet Search
  English  ▼

X  

MP1488 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1488
Description  800mA Fixed Frequency White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1488 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1488 Datasheet HTML 1Page - Monolithic Power Systems MP1488 Datasheet HTML 2Page - Monolithic Power Systems MP1488 Datasheet HTML 3Page - Monolithic Power Systems MP1488 Datasheet HTML 4Page - Monolithic Power Systems MP1488 Datasheet HTML 5Page - Monolithic Power Systems MP1488 Datasheet HTML 6Page - Monolithic Power Systems MP1488 Datasheet HTML 7Page - Monolithic Power Systems MP1488 Datasheet HTML 8Page - Monolithic Power Systems MP1488 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP1488
800mA Fixed Frequency
White LED Driver
MP1488 Rev. 1.0
www.MonolithicPower.com
1
3/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP1488 is a step-up converter designed for
driving up to 27 WLEDs (9 strings of 3 WLEDs
each) from a 5V system rail. The MP1488 uses a
current mode, fixed frequency architecture to
regulate the LED current, which is measured
through an external current sense resistor. Its low
104mV feedback voltage reduces power loss and
improves efficiency. The OV pin monitors the
output voltage and turns off the converter if an
over-voltage condition is present due to an open
circuit condition.
The MP1488 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload.
The MP1488 is available in a small 6-pin TSOT23
package.
FEATURES
 2.5V to 6V Input Voltage Range
 On Board Power MOSFET
 Drives up to 27 White LEDs at 5V Input
 Up to 92% Efficiency
 Over 1MHz Fixed Switching Frequency
 Open Load Shutdown
 Low 104mV Feedback Voltage
 Soft-Start/PWM Dimming
 UVLO, Thermal Shutdown
 Internal 800mA Current Limit
 Available in a TSOT23-6 Package
APPLICATIONS
 Cell Phones
 Handheld Computers and PDAs
 Digital Still Cameras
 Small LCD Displays
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP1488

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
2A, 18V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP1482DS MPS-MP1482DS Datasheet
291Kb / 12P
2A, 18V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482DS ARTSCHIP-MP1482DS Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results

Similar Description - MP1488

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
Fixed Frequency White LED Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3301 FOSLINK-FSP3301 Datasheet
259Kb / 9P
FIXED FREQUENCY WHITE LED DRIVER
logo
Advanced Power Electron...
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
1.9A FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
logo
Monolithic Power System...
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com