Electronic Components Datasheet Search
  English  ▼

X  

MP1488 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1488
Description  800mA Fixed Frequency White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1488 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1488 Datasheet HTML 3Page - Monolithic Power Systems MP1488 Datasheet HTML 4Page - Monolithic Power Systems MP1488 Datasheet HTML 5Page - Monolithic Power Systems MP1488 Datasheet HTML 6Page - Monolithic Power Systems MP1488 Datasheet HTML 7Page - Monolithic Power Systems MP1488 Datasheet HTML 8Page - Monolithic Power Systems MP1488 Datasheet HTML 9Page - Monolithic Power Systems MP1488 Datasheet HTML 10Page - Monolithic Power Systems MP1488 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP1488
– 800mA, FIXED FREQUENCY WHITE LED DRIVER
MP1488 Rev. 1.0
www.MonolithicPower.com
10
3/24/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Other applications require a logic signal to
control dimming. This is shown in Figure 7. The
PWM signal is applied to the EN pin of the
MP1488. The LEDs will switch between full load
to completely shut off. The average current
through the LEDs will increase proportionally to
the duty cycle of the PWM signal. The PWM
signal used in Figure 7 should be 1KHz or
below due to the soft-start function.
Figure 7
—PWM Dimming Control Using a
Logic Signal
If the PWM signal is above 1KHz, dimming can
be achieved using the circuit shown in Figure 8.
Figure 8
— Dimming Control Using a Filtered
PWM Signal
Open Load Protection
Open Load protection will shut off the MP1488
if the output voltage rises too high when the OV
pin is tied to the output. In some cases an LED
may fail. This will result in the feedback voltage
always remaining at zero.
The part will run at maximum duty cycle
boosting the output voltage higher and higher.
By tying the OV pin to the top of the LED string
the MP1488 can check for this condition. If the
output exceeds 28V, the MP1488 will shut
down. The part will not switch again until the
power is recycled. Figure 9 shows the behavior
of the MP1488 into an open load.
Figure 9
—Startup Waveforms into an Open
Load
Layout Considerations
Careful attention must be paid to the PCB
board layout and component placement. Proper
layout of the high frequency switching path is
critical to prevent noise and electromagnetic
interference problems. Due to high frequency
switching, the length and area of all the traces
connected to the switch node should be
minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com