Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 89Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 90Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 91Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 92Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 93Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
Electrical Specifications
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
90
Freescale Semiconductor
12.5 5.0-Volt DC Electrical Characteristics
Characteristic(1) (2)
Symbol
Min
Typ
Max
Unit
Output voltage
ILoad = 10.0 µA
ILoad = –10.0 µA
VOL
VOH
—
VDD–0.1
—
—
0.1
—
V
Output high voltage
(ILoad = –0.8 mA) PA7–PA0, PB7–PB0, PC6–PC0,
TCMP, PD7, PD0
(ILoad = –1.6 mA) PD5–PD1
(ILoad = –5.0 mA) PC7
VOH
VDD–0.8
VDD–0.8
VDD–0.8
—
—
—
—
—
—
V
Output low voltage
(ILoad = 1.6 mA) PA7–PA0, PB7–PB0, PC6–PC0,
PD7, PD5–PD0, TCMP
(ILoad = 10 mA) PC7
VOL
—
—
—
—
0.4
0.4
V
Input high voltage
PA7–PA0, PB7–PB0, PC7–PC0, PD7,
PD5–PD0, TCAP, IRQ, RESET, OSC1
VIH
0.7
× VDD
—
VDD
V
Input low voltage
PA7–PA0, PB7–PB0, PC7–PC0, PD7,
PD5–PD0, TCAP, IRQ, RESET, OSC1
VIL
VSS
—
0.2
× VDD
V
Supply current (4.5–5.5 Vdc @ fOP = 2.1 MHz)
Run(3)
Wait(4)
Stop(5)
25
°C
0 to 70
°C
–40 to +125
°C
IDD
—
—
—
—
—
3.5
1.0
1.0
2.0
7.0
5.25
3.25
20.0
40.0
50.0
mA
mA
µA
µA
µA
I/O ports hi-z leakage current
PA7–PA0, PB7–PB0 (without pullup)
PC7–PC0, PD7, PD5–PD0
IOZ
—1.0
10
µA
Input current
RESET, IRQ, OSC1, TCAP, PD7, PD5–PD0
IIn
—0.5
1
µA
Input pullup current(6)
PB7–PB0 (with pullup)
IIn
5—
60
µA
Capacitance
Ports (as input or output)
RESET, IRQ, OSC1, TCAP, PD7, PD5, PD0
COut
CIn
—
—
—
—
12
8
pF
1. VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 to +125°C, unless otherwise noted
2. Typical values reflect measurements taken on average processed devices at the midpoint of voltage range, 25
°C only.
3. Run (operating) IDD measured using external square wave clock source; all I/O pins configured as inputs, port B = VDD,
all other inputs VIL = 0.2 V, VIH = VDD –0.2 V; no dc loads; less than 50 pF on all outputs; CL = 20 pF on OSC2
4. Wait IDD measured using external square wave clock source; all I/O pins configured as inputs, port B = VDD, all other
inputs VIL = 0.2 V, VIH = VDD –0.2 V; no dc loads; less than 50 pF on all outputs; CL = 20 pF on OSC2. Wait IDD is
affected linearly by the OSC2 capacitance.
5. Stop IDD measured with OSC1 = 0.2 V; all I/O pins configured as inputs, port B = VDD, all other inputs VIL = 0.2 V,
VIH = VDD –0.2 V
6. Input pullup current measured with VIL = 0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com