Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
General Description
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
20
Freescale Semiconductor
RESET pin contains an internal Schmitt trigger as part of its input to improve noise immunity. Refer to
Chapter 5 Resets for more detail.
1.5.5 TCAP
This pin controls the input capture feature for the on-chip programmable timer. The TCAP pin contains an
internal Schmitt trigger as part of its input to improve noise immunity. Refer to Chapter 8
Capture/Compare Timer for more detail.
1.5.6 TCMP
The TCMP pin provides an output for the output compare feature of the on-chip programmable timer.
Refer to Chapter 8 Capture/Compare Timer for more detail.
1.5.7 PA0–PA7
These eight I/O lines comprise port A. The state of each pin is software programmable and all port A pins
are configured as inputs during reset. Refer to Chapter 7 Input/Output Ports for more detail.
1.5.8 PB0–PB7
These eight I/O lines comprise port B. The state of each pin is software programmable and all port B pins
are configured as inputs during reset. Port B has mask option register enabled pullup devices and
interrupt capability selectable for any pin. Refer to Chapter 7 Input/Output Ports for more detail.
1.5.9 PC0–PC7
These eight I/O lines comprise port C. The state of each pin is software programmable and all port C pins
are configured as inputs during reset. PC7 has high current sink and source capability. Refer to Chapter
7 Input/Output Ports for more detail.
1.5.10 PD0–PD5 and PD7
These seven I/O lines comprise port D. The state of each pin is software programmable and all port D
pins are configured as inputs during reset. Refer to Chapter 7 Input/Output Ports for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com