Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 94Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 95Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 96Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 124 page
background image
Electrical Specifications
MC68HC05C9A Advance Information Data Sheet, Rev. 5.1
98
Freescale Semiconductor
12.10 3.3-Volt Serial Peripheral Interface Timing
No.
Characteristic(1)
Symbol
Min
Max
Unit
Operating frequency
Master
Slave
fOP(M)
fOP(S)
dc
dc
0.5
1.0
fOP
MHz
1
Cycle time
Master
Slave
tCYC(M)
tCYC(S)
2.0
1.0
—
—
tCYC
ns
2
Enable lead time
Master
Slave
tLead(M)
tLead(S)
Note 2
500
—
—
ns
3
Enable lag time
Master
Slave
tLag(M)
tLag(S)
Note 2
1.5
—
—
ns
4
Clock (SCK) high time
Master
Slave
tW(SCKH)M
tW(SCKH)S
720
400
—
—
ns
5
Clock (SCK) low time
Master
Slave
tW(SCKL)M
tW(SCKL)S
720
400
—
—
ns
6
Data setup time (inputs)
Master
Slave
tSU(M)
tSU(S)
200
200
—
—
ns
7
Data hold time (inputs)
Master
Slave
tH(M)
tH(S)
200
200
—
—
ns
8
Slave access time (time to data active
from high-impedance state)
tA
0
250
ns
9
Slave disable time (hold time to high-impedance state)
tDIS
—
500
ns
10
Data valid
Master (before capture edge)
Slave (after enable edge)(3)
tV(M)
tV(S)
0.25
—
—
500
tCYC(M)
ns
11
Data hold time (outputs)
Master (after capture edge)
Slave (after enable edge)
tHO(M)
tHO(S)
0.25
0
—
—
tCYC(M)
ns
12
Rise time (20% VDD to 70% VDD, CL = 200 pF)
SPI outputs (SCK, MOSI, and MISO)
SPI inputs (SCK, MOSI, MISO, and SS)
tRM
tRS
—
—
200
2.0
ns
µs
13
Fall time (70% VDD to 20% VDD, CL = 200 pF)
SPI outputs (SCK, MOSI, and MISO)
SPI inputs (SCK, MOSI, MISO, and SS)
tFM
tFS
—
—
200
2.0
ns
µs
1. VDD = 3.3 Vdc ± 0.3 Vdc; VSS = 0 Vdc, TA = –40 to +125°C, unless otherwise noted. Refer to Figure 12-9 and
Figure 12-10 for timing diagrams.
2. Signal production depends on software.
3. Assumes 200 pF load on all SPI pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com